Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSDM004GD5AN-PTC Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # APSDM004GD5AN-PTC
Description  SATA-Disk Module 4
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GD5AN-PTC Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button APSDM004GD5AN-PTC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTC Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTC Datasheet HTML 14Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTC Datasheet HTML 15Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTC Datasheet HTML 16Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTC Datasheet HTML 17Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTC Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-PXXX
13
© 2013 Apacer Technology Inc.
Rev. 1.3
7. Electrical Specification
Caution: Absolute Maximum Stress Ratings – Applied conditions greater than those listed under
“Absolute Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these conditions or conditions greater than those defined in
the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating
conditions may affect device reliability.
Table 7-1: Operating range
Range
Ambient Temperature
5V
Standard
0°C to +70°C
Extended Temperature
-40°C to 85°C
4.75-5.25V
Table 7-2: Power consumption (typical)
Capacity
Modes
1 GB
2 GB
4 GB
8 GB
16 GB
Active (mA)
160
160
200
185
190
Idle (mA)
71
71
71
85
85
Note: Results may differ from various flash configurations or platforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com