Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSDM032G45AD-PC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # APSDM032G45AD-PC
Description  SATA-Disk Module 4
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM032G45AD-PC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button APSDM032G45AD-PC Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM032G45AD-PC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM032G45AD-PC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM032G45AD-PC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM032G45AD-PC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM032G45AD-PC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM032G45AD-PC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM032G45AD-PC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM032G45AD-PC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SATA-Disk Module 4
APSDMxxxx45AX-PXX
7
© 2014 Apacer Technology Inc.
Rev. 1.4
4. Product Specifications
4.1 Capacity
Capacity specification of SDM4 is available as shown in Table 4-1. It lists the out-of-box capacity.
Table 4-1: Capacity specifications
Capacity
Total bytes*
Cylinders
Heads
Sectors
Max LBA
2 GB
2,011,226,112
3,897
16
63
3,928,176
4 GB
4,011,614,208
7,773
16
63
7,835,184
8 GB
8,012,390,400
15,525
16
63
15,649,200
16 GB
16,013,942,784
16,383
16
63
31,277,232
32 GB
32,017,047,552
16,383
16
63
62,533,296
64 GB
126,718,694,912
16,383
16
63
247,497,451
*Display of total bytes varies from file systems, which means not all of the bytes can be used for storage.
**Notes: 1 GB = 1,000,000,000 bytes; 1 sector = 512 bytes.
LBA count addressed in the table above indicates total user storage capacity and will remain the same throughout the lifespan of the
device. However, the total usable capacity of the SSD is most likely to be less than the total physical capacity because a small portion
of the capacity is reserved for device maintenance usages.
4.2 ATA Modes Support
Supports up to PIO Mode-4
Supports up to Multi-word DMA Mode-2
Supports up to Ultra DMA Mode-5
4.3 Performance
Table 4-2: Performance (Standard)
Capacity
Performance
2 GB
4 GB
8 GB
16 GB
32 GB
Sustained read (MB/s)
75
80
80
85
85
Sustained write (MB/s)
26
50
50
80
80
Performance (High-speed)
Capacity
Performance
4 GB
8 GB
16 GB
32 GB
64 GB
Sustained read (MB/s)
150
160
160
160
165
Sustained write (MB/s)
50
100
95
145
150
Note: Results may differ from various flash configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com