Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3690CD Datasheet(PDF) 14 Page - Dynex Semiconductor

Part # MAS3690CD
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3690CD Datasheet(HTML) 14 Page - Dynex Semiconductor

Back Button MAS3690CD Datasheet HTML 10Page - Dynex Semiconductor MAS3690CD Datasheet HTML 11Page - Dynex Semiconductor MAS3690CD Datasheet HTML 12Page - Dynex Semiconductor MAS3690CD Datasheet HTML 13Page - Dynex Semiconductor MAS3690CD Datasheet HTML 14Page - Dynex Semiconductor MAS3690CD Datasheet HTML 15Page - Dynex Semiconductor MAS3690CD Datasheet HTML 16Page - Dynex Semiconductor MAS3690CD Datasheet HTML 17Page - Dynex Semiconductor MAS3690CD Datasheet HTML 18Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
MA3690/1/3
14/41
BUS CONTROLLER MODE
For data transfers generally, 750ns enable signals
(BUFENN,R/WN etc.) are produced by the terminal with a
250ns strobe signal upon which the data will be valid.
The bus controller terminal provides signals to fetch the
message and write out a report and any associated data. The
HALTREQN and HALTEDN handshake lines operate in a
similar fasion to the BUSYREQN / BUSYACKN RT lines in that
if HALTREQN is taken low the terminal will complete the
current instruction and then halt, taking HALTEDN low to
indicate that it has done so
A BC subsystem may be operated in either a single shot or
table driven mode. In either case, the two least significant
address lines (C0,C1) to the instruction and report word stores
are provided by the terminal. On taking HALTREQN high (for a
minimum of 1us) the subsystem initiates an instruction fetch
cycle which consists of the terminal reading the instruction
word, receive command word and transmit command word
from the instruction store and transferring the data pointer
word from the instruction store to an external data address
latch. Further operation is dependent on the instruction word.
On executing a message sequence the terminal will write
out the report word and either:
1. Increment the instruction address and proceed to the
next instruction,
2. Increment the instruction address and halt,
3. Do not increment the instruction address, interrupt
subsystem and halt.
Any data associated with the command will be transferred
to or from the data store in a similar manner as used by the RT.
Figure 7: Bus Controller Subsystem Interface Signal Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com