Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB950AF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB950AF
Description  Supports dual independent display; DVI-D/ VGA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB950AF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB950AF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-35
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
ATX Motherboard
Dimensions Drawing
LGA1156 Intel® Core™ i7/i5/i3 ATX Motherboard
w/ Intel® Q57 PCH
MB950
PCI Slots
ISA(Slave)
PCI-E(x16)
PCI-E(x1)
PCI-E(x4)
CPU Socket
ATX Power
DDR3 DIMM
Sockets
Super I/O
SATA II
IDE
CF Socket
Intel® Q57
Chipset
Features
● Supports Intel® Core™ i7/i5/i3 and Intel® Pentium®
QC/DC, 2.8GHz ~ 3.46GHz
● 4x DDR3 DIMM, Max. 32GB
● 1x Gigabit MAC + PHY and 1x PCI-E Gigabit LAN
● Supports dual independent display; DVI-D/ VGA
● 6x SATA II, 14x USB 2.0, 4x COM
● 1x PCI-E(x16), 1x PCI-E(x4), 1x PCI-E(x1),
4x PCI, 1x ISA
System
CPU Socket
LGA1156 for Intel® Core™ i7/i5/i3 and Intel®
Pentium® QC/DC processors, 2.8GHz ~ 3.46GHz
System Memory
4x DDR3 DIMM, Max. 32GB
System Chipset
Intel® Q57 PCH
BIOS
AMI
Watchdog Timer
256 levels
SSD
Type II CF socket
H/W Monitor
Yes
Expansion Slots
1x PCI-E(x16), 1x PCI-E(x4), 1x PCI-E(x1), 4x PCI,
1x ISA
Graphics
VGA Controller
Intel® Core™ i5/i3/ Pentium® QC/DC integrated
(not in Intel® Core™ i7)
VGA Memory
Max. shared memory - 224 MB
Display Interface
Supports CRT and DVI-D
LAN
Controller
Intel® 82578DM Gigabit MAC + PHY and
Intel® 82583V PCI-E Gigabit LAN
Connector
RJ-45 on board
Multi I/O
I/O Chipset
Winbond W83627UHG
1x KB, 1x mouse,
3x RS232, 1x RS-232/422/485, 6x SATA II
USB
4 ports on board
Pin header for 10 ports (USB 2.0)
Audio
Intel® built-in HD audio w/ Realtek ALC892 codec
for 7.1CH
Others
Digital I/O (4-in/4-out)
Mechanical and Environmental
Dimensions
305mm x 244mm (12" x 9.6")
Max. Power
Requirement
Intel
® Core™ i5-660 3.33GHz
w/ 4x 2GB DDR3-1333
+3.3V: 1.17A
+5V: 2.25A
+12V: 3.33A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
MB950EF
LGA1156 Q57 ATX Motherboard w/ VGA, 2x PCI-E
Gigabit LAN, RAID, EuP/ErP compliant
MB950AF
LGA1156 Q57 ATX Motherboard w/ VGA, 2x PCI-E
Gigabit LAN, RAID, AMT6.0
4
COM
6
SATA II
14
USB
2
GbE LAN
COM1/2
Audio
Dual GbE
USB(2.0)
VGA
DVI-D
KB/Mouse


Similar Part No. - MB950AF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
8-bit Proprietary Microcontrollers
MB95100AM FUJITSU-MB95100AM Datasheet
738Kb / 72P
8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
1Mb / 84P
8-bit Microcontrollers
MB95100B FUJITSU-MB95100B_08 Datasheet
1Mb / 84P
8-bit Microcontrollers
More results

Similar Description - MB950AF

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SBC82820 AXIOMTEK-SBC82820 Datasheet
154Kb / 1P
DVI-I for VGA and DVI-D display output
EBOX623-831-FL AXIOMTEK-EBOX623-831-FL Datasheet
340Kb / 1P
Supports VGA and DisplayPort dual display
logo
List of Unclassifed Man...
MI956 ETC2-MI956 Datasheet
745Kb / 1P
Integrated VGA, supports DVI-I/DVI-D/LVDS/HDMI
logo
Axiomtek Co., Ltd.
EBOX623-831-FL AXIOMTEK-EBOX623-831-FL_16 Datasheet
364Kb / 1P
Supports VGA and DisplayPort dual display
EBOX660-872-FL AXIOMTEK-EBOX660-872-FL_16 Datasheet
334Kb / 1P
Supports VGA and DisplayPort for dual display
EBOX660-872-FL-DH AXIOMTEK-EBOX660-872-FL-DH Datasheet
340Kb / 1P
Supports VGA and DisplayPort for dual display
MANO831 AXIOMTEK-MANO831_16 Datasheet
332Kb / 1P
Dual view display via DVI-D/VGA/LVDS1/LVDS2
logo
AAEON Technology
IMBM-H81B AAEON-IMBM-H81B Datasheet
510Kb / 2P
Two Independent Display: VGA x 1, DVI-I Port x 1
IMBM-H110A AAEON-IMBM-H110A Datasheet
494Kb / 2P
Two Independent Display: HDMI x 2, VGA x 1, DVI-D x 1
logo
Vecow Co., Ltd.
ARS-2010 VECOW-ARS-2010 Datasheet
431Kb / 2P
Supports DVI-I and DVI-D dual HD displays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com