Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB960F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB960F
Description  4x DDR3 DIMM, Max. 32GB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB960F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB960F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-34
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
ATX Motherboard
Dimensions Drawing
LGA1155 2nd/3rd Generation Intel® CoreTM i7/i5/i3/ Pentium® /
Celeron® ATX Motherboard w/ Intel® Q67 PCH
MB960
System
CPU
LGA1155 for 2nd/ 3rd Generation Intel® CoreTM i7/
i5/i3/ Pentium® / Celeron® processors,
up to 3.4GHz
System Memory
4x DDR3 DIMM, Max. 32GB (Non-ECC)
System Chipset
Intel® Q67 PCH
BIOS
AMI
Watchdog Timer
256 levels
SSD
Type II CF Socket
H/W Monitor
Yes
Expansion Slots
4x PCI, 1x PCI-E(x16), 1x PCI-E(x8) [(x4) Link],
ISA(Slave)
Graphics
VGA Controller
2nd Generation Intel® CoreTM i7/i5 /i3 / Pentium®
QC/DC integrated graphic Gen 5.7
VGA Memory
Max. Shared Memory - 1024 MB
Display Interface
Supports DVI-I, DVI-D, HDMI
LAN
Controller
Intel® 82579LM(MB960AF) /82579V(MB960F)
Gigabit LAN PHY
Intel® 82583V PCI-E Gigabit LAN
Connector
2x RJ-45 on board
Multi I/O
I/O Chipset
Fintek F81865-I
3x RS232, 1x RS-232/422/485, 4x SATA II,
2x SATA III
USB
4 ports on board, 10 ports via pin header (USB2.0)
2 ports on board (USB 3.0)
Audio
Intel® Q67 built-in HD audio w/ Realtek ALC892 for
7.1CH
Others
Digital I/O (4-in/4-out), ATX power connector, EuP/ErP
compliant
Mechanical and Environmental
Dimensions
305mm x 244mm (12“ x 9.6“)
Max. Power
Requirement
Intel® Core™ i7-2600 3.4GHz
w/ 2x2GB DDR3-1333
+12V:7.33A +5V:3.15A
+3.3V:1.67A +5VSB:0.51A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
MB960F
LGA1155 Q67 ATX motherboard w/ DVI-I, DVI-D, HDMI,
dual Gigabit LAN, RAID, EuP/ErP compliant
MB960AF
LGA1155 Q67 ATX motherboard w/ DVI-I, DVI-D, HDMI,
dual Gigabit LAN, RAID, iAMT(7.0), TPM 1.2
PCI Slots
ISA(Slave)
PCI-E(x16)
PCI-E(x4)
LGA1155
CPU Socket
ATX Power
DDR3 DIMM
Sockets
SATA II
COM ports
SATA III
Intel® Q67
Chipset
CF Socket
Features
● Supports 2nd/ 3rd Generation Intel® CoreTM i7/i5/i3 /
Pentium® / Celeron® processors, up to 3.4GHz
● 4x DDR3 DIMM, Max. 32GB
● Integrated VGA, supports DVI-I / DVI-D / HDMI
● Dual Gigabit LAN
● 14x USB 2.0, 2x USB 3.0, 4x COM, 4x SATA II,
2x SATA III
● 4x PCI, 1x PCI-E(x16), 1x PCI-E(x4), 1x ISA (Slave)
● Watchdog timer, Digital I/O
2
USB(3.0)
4
COM
4
SATA II
14
USB(2.0)
2
SATA III
2
GbE LAN
COM ports
Audio
Dual GbE
USB (3.0)
USB(2.0)
DVI-D
DP
DVI-I


Similar Part No. - MB960F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB961 ETC2-MB961 Datasheet
838Kb / 1P
Watchdog timer, Digital I/O, iSMART
MB961F ETC2-MB961F Datasheet
838Kb / 1P
Watchdog timer, Digital I/O, iSMART
MB961RF ETC2-MB961RF Datasheet
838Kb / 1P
Watchdog timer, Digital I/O, iSMART
logo
fujitsu semiconductor
MB96300 FUJITSU-MB96300 Datasheet
2Mb / 159P
16-bit Proprietary Microcontroller
MB96310 FUJITSU-MB96310 Datasheet
739Kb / 84P
16-bit Proprietary Microcontroller
More results

Similar Description - MB960F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-2013290-1 MACOM-2-2013290-1 Datasheet
348Kb / 4P
DDR3 DIMM Sockets
logo
List of Unclassifed Man...
MB967 ETC2-MB967 Datasheet
589Kb / 1P
4x DDR3 DIMM, Max. 32 GB
MI95 ETC2-MI95 Datasheet
797Kb / 1P
2x DDR3 DIMM, Max. 8GB, supports ECC
MI970 ETC2-MI970 Datasheet
815Kb / 1P
2x DDR3 SO-DIMM, Max. 16GB
SI-58 ETC2-SI-58 Datasheet
490Kb / 1P
Supports 2x DDR3 1333MHz SO-DIMM, Max. 16GB
MB837-D25 ETC2-MB837-D25 Datasheet
593Kb / 1P
1x DDR3 SO-DIMM, 1066/1333 MHz, Max. 4GB
logo
Axiomtek Co., Ltd.
OPS860 AXIOMTEK-OPS860_16 Datasheet
238Kb / 1P
DDR3-1333 SO-DIMM max. up to 8 GB
OPS860-HM AXIOMTEK-OPS860-HM_16 Datasheet
286Kb / 1P
DDR3-1333 SO-DIMM max. up to 4 GB
OPS871 AXIOMTEK-OPS871_16 Datasheet
240Kb / 1P
DDR3-1600 SO-DIMM max. up to 8 GB
OPS871-HM AXIOMTEK-OPS871-HM_16 Datasheet
293Kb / 1P
DDR3-1600 SO-DIMM max. up to 8 GB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com