Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3691FD Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MAS3691FD
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3691FD Datasheet(HTML) 1 Page - Dynex Semiconductor

  MAS3691FD Datasheet HTML 1Page - Dynex Semiconductor MAS3691FD Datasheet HTML 2Page - Dynex Semiconductor MAS3691FD Datasheet HTML 3Page - Dynex Semiconductor MAS3691FD Datasheet HTML 4Page - Dynex Semiconductor MAS3691FD Datasheet HTML 5Page - Dynex Semiconductor MAS3691FD Datasheet HTML 6Page - Dynex Semiconductor MAS3691FD Datasheet HTML 7Page - Dynex Semiconductor MAS3691FD Datasheet HTML 8Page - Dynex Semiconductor MAS3691FD Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
MA3690/1/3
1/41
The MA3690/1 chip set has three modes of operation:
remote terminal, bus controller, and passive monitor It has a
dual bus capability, requires minimum support hardware /
software and is implemented on a radiation hard, CMOS/SOS
process. For applications requiring access to Terminal Flag, a
48-Pin DIL MA3693 is available as an alternative to the
MA3690.
As a remote terminal, the MA3690/1 is fully compatible with
Mil-Std-1553B. The chip set obtained SEAFAC approval in
December 1987. All options and mode commands specified by
the Mil Std are implemented Full and meaningful use is made
of status word bits and a comprehensive bit word is provided.
A unique mechanism has been incorporated that allows
the subsystem to declare illegal commands legal, and vice
versa, before the chip set services the command. It should be
noted that use of this mechanism is optional and that the
system defaults to normal operation if the option is not
required. The chip set is easily interfaced to subsystem
memory and is sufficiently flexible to ensure compatibility with
a wide range of microprocessors.
As a bus controller the MA3690/1 has the ability to initiate
all types of 1553B transfer on either of the two buses An
instruction word is set up by the subsystem, prior to
transmission, which contains details of transfer type and bus
selection. Four bits of the instruction word have been used to
specify the conditions under which the chip set will generate a
subsystem interrupt. The most significant bits of the instruction
word have been used to specify the conditions under which the
chip set will perform an automatic retry and the number of
retries to be carried out (max. 3). At the end of each instruction
execution cycle, the chip set writes a report word into the
subsystem memory; the contents of which give the subsystem
an indication of the degree of success of the transfer.
The bus controller may be used in either of two
configurations, i.e. single shot or table driven.
In the single shot configuration, the controller is under
direct control from the subsystem (processor). In table driven
configuration, the controller is given greater autonomy to
execute a table of instructions held in either ROM or RAM.
As a passive monitor, the chip set will monitor all bus
activity and pass any associated information to the subsystem.
As the name implies, in this mode of operation, the chip set is
truly passive and will not reply to command instructions.
FEATURES
s Radiation Hard to 1MRads (Si)
s High SEU Immunity, Latch-Up Free
s CMOS-SOS Technology
s All Inputs and Outputs Fully TTL or CMOS Compatible
s Military Temperature Range -55 to +125
°C
s Dual Bus Capability
s Minimal Subsystem Interface
s Powerful Bus Control Facility
s Complete Remote Terminal Protocol
s SEAFAC Approved
SIGNAL DESCRIPTIONS
All signals are TTL compatible unless stated otherwise. An
‘N’ at the end of the signal name denotes an active low signal.
SUPPLIES
VDD
5 volts positive supply
VSS
Ground
CLOCK INPUTS
CK12
12MHz clock
BUS INTERFACE LINES
PDIN0
Input
Positive threshold exceeded on bus 0.
NDIN0
Input
Negative threshold exceeded on bus 0.
TXEN0N
Output
Transmit enable for driver on bus 0.
PDOUT0N
Output
Positive Manchester data for driver on bus 0.
MA3690/1/3
1553B Bus Controller/Remote Terminal
Replaces June 1999 version, DS3587-4.0
DS3587-5.0 January 2000


Similar Part No. - MAS3691FD

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
More results

Similar Description - MAS3691FD

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT3492 AEROFLEX-ACT3492 Datasheet
360Kb / 49P
MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
List of Unclassifed Man...
UT1553B ETC1-UT1553B Datasheet
1Mb / 52P
BCRT Bus Controller/Remote Terminal/Monitor
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
logo
ATMEL Corporation
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
SpaceWire Remote Terminal Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com