Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB2-7
Description  4x DDR3 DIMM, Max. 32 GB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB2-7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB2-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Network Appliances
For user’s manual & datasheet download, visit www.ibase.com.tw
25
Features
● Supports 3rd Generation Intel® Core™ i7/i5/i3 /
Xeon® processors
● 8x PCI-E GbE Ports
● 4x DDR3 DIMM, Max. 32 GB
● 1x CFast socket, 1x CF socket, 1x Mini PCI-E
(mSATA compatible) socket
● iAMT 8.0 support
System
CPU
LGA1155 for 3rd Generation Intel
® Core™ i7/i5/i3/
Xeon
® processors
System Memory
4x DDR3 DIMM Max. 32GB, up to 1600 MHz
ECC or non-ECC (depending on CPU)
System Chipset
Intel® C216 PCH
BIOS
AMI
Watchdog Timer
256 levels
SSD
1x CFast socket
1x CF socket
H/W Monitor
Yes
Expansion Slots
1x Mini PCI-E (mSATA compatible) socket
Graphics
VGA Controller
3rd Generation Intel
® Core™ i7/i5/i3 processors
integrated
VGA Memory
Max. shared memory - 224MB
Display Interface
Supports VGA via pin header
LAN
Controller
1x Intel
® 82579LM GbE PHY w/ iAMT 8.0 support
7x Intel
® 82583V GbE
Bypass
LAN 5/6 & 7/8
Connector
8x RJ-45 on board
Multi I/O
I/O Chipset
C216, Fintek F81866AD-F
2x RS-232, 2x SATA
USB
2 ports on board (USB 3.0)
2 ports (USB 3.0) via pin header
4 ports (USB 2.0) via pin header
Others
N/A
Mechanical and Environmental
Dimensions
355 x 185 mm (13.98” x 7.28”)
Max. Power
Requirement
Intel® Xeon™ E3-1225V2 w/
DDR3-1333 32GB
+3.3V: 4.12A +5V: 3.86A
+12V: 5.85A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
MB967
LGA1155 for 3rd Generation Core™ i7/i5/i3 / Xeon
®,
C216 PCH, 1x Intel
® GbE 82579LM + 7x Intel® GbE
82583V, LAN 5/6 & 7/8 Bypass, SATA connector,
Mini PCI-E, CF & PCI-E expansion
VGA4
VGA cable
USB2-7
Dual port USB 2.0 cable, 300mm
IP331
1-to-1 PCI-E 8x riser card
IP332
PCI-E 8x adapter card
IP333
2-to-2 PCI-E 8x riser card
USB(3.0)
USB(3.0)
Console
COM
Reset
RJ-45
SATA III
CFast socket
CF socket
ATX Power
DDR3
DIMM
Mini PCI-E
Intel® C216
PCH Chipset
LGA1155
Socket
MB967
LGA1155 3rd Generation Intel® Core™ i7/i5/i3 / Xeon®
Networking Motherboard w/ Intel® C216 PCH
8
USB
2
COM
2
SATA III
8
GbE LAN
Network Motherboards


Similar Part No. - USB2-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-7 ETC2-USB2-7 Datasheet
485Kb / 1P
1x Mini PCI-E slot (mSATA compatible)
USB2-7 ETC2-USB2-7 Datasheet
336Kb / 1P
6x PCI-E Gigabit LAN ports, up to 8 ports
More results

Similar Description - USB2-7

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB204 AXIOMTEK-IMB204_14 Datasheet
253Kb / 2P
4 DDR3-1333/1600 DIMM support up to 32 GB
logo
List of Unclassifed Man...
MB960 ETC2-MB960 Datasheet
587Kb / 1P
4x DDR3 DIMM, Max. 32GB
logo
Axiomtek Co., Ltd.
OPS883-H AXIOMTEK-OPS883-H Datasheet
272Kb / 1P
Supports DDR3 SO-DIMM 1600 max. up to 8 GB
EBOX640-860-FL AXIOMTEK-EBOX640-860-FL_16 Datasheet
325Kb / 1P
DDR3-1066/1333 SO-DIMM max. up to 16 GB
OPS830 AXIOMTEK-OPS830_16 Datasheet
242Kb / 1P
DDR3-1066 SO-DIMM max. up to 4 GB by D2550
OPS860 AXIOMTEK-OPS860_16 Datasheet
238Kb / 1P
DDR3-1333 SO-DIMM max. up to 8 GB
OPS860-HM AXIOMTEK-OPS860-HM_16 Datasheet
286Kb / 1P
DDR3-1333 SO-DIMM max. up to 4 GB
OPS871 AXIOMTEK-OPS871_16 Datasheet
240Kb / 1P
DDR3-1600 SO-DIMM max. up to 8 GB
OPS871-HM AXIOMTEK-OPS871-HM_16 Datasheet
293Kb / 1P
DDR3-1600 SO-DIMM max. up to 8 GB
SHB130 AXIOMTEK-SHB130_16 Datasheet
235Kb / 1P
2 DDR3 DIMM max. up to 16 GB memory capacity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com