Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI950AF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MI950AF
Description  4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI950AF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MI950AF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-17
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
Intel® Core™ i7/i5/i3 / Celeron® Mini-ITX Motherboard
w/ Intel® QM57/HM55 PCH
LGA775 Intel® Core™2 Quad / Core™2 Duo Mini-ITX
Motherboard w/ Intel® Q45 / G45 Express Chipset
MI950
Features
● Supports Intel® Core™2 Quad / Core™2 Duo / Pentium® Dual-Core /
Celeron® processors, 800/1066/1333MHz FSB
● 2x DDR3 DIMM, Max. 4GB
● Onboard dual Gigabit LAN
● Supports CRT and DVI
● Watchdog timer, HD audio
● 4x SATA II, 4x COM,1x PCI
● 10x USB 2.0,1x eSATA (MI950F/MI950AF)
● 8x USB 2.0 only (MI950GF)
Audio
USB/eSATA
PCI
COM
DVI/CRT
RJ-45/USB
DDR3
Sockets
SATA II
LGA775
Socket
Intel® Q45
Chipset
ATX Power
MI950F/MI950AF
10
USB
4
COM
4
SATA III
2
Gbe LAN
1
10/100
Specifications
CPU
Intel® Core™2 Quad / Core™2 Duo / Pentium® Dual-Core/
Celeron® processors
System Memory
2x DDR3 DIMM, Max. 4GB
System Chipset
MI950F / MI950AF:
Intel® Q45 + ICH10DO, 800/1066/1333MHz FSB
MI950GF:Intel® G45 + ICH10, 800/1066/1333MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slots
1x PCI
VGA Controller
Intel® Q45 / G45 integrated
VGA Memory
Max. shared memory - 1024MB
Display Interface
CRT & DVI
LAN Controller
Intel® 82567 Gigabit LAN and Intel®82574L Gigabit LAN
Connector
RJ-45 on board
I/O Chipset
Winbond W83627DHG + Fintek F81216
3x RS232, 1x RS-232/422/485,
4x SATA II +1x eSATA (MI950F/MI950AF)
USB
6 ports on board for MI950F/MI950AF
4 ports on board for MI950GF
Pin header for 4 ports (USB 2.0)
Audio
Intel® ICH10DO built-in ALC888 HD audio codec
Others
Digital I/O (4 in, 4 out)
Dimensions
170mm x 170mm (6.7“ x 6.7“)
Max. Power
Requirement
Intel® Core™2 Quad Q9550 2.83GHz
w/ 2x 2GB DDR3 -1333MHz
+3.3V: 0.98A
+5V: 5.96A
+12V:1.17A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
MI950F
LGA775 Q45 Mini-ITX motherboard with VGA, Gigabit LAN(PHY),
PCI-E Gigabit LAN, 4x SATA II, 1x e SATA, RAID 0,1, 5,10, 1x PCI
MI950AF
(By request w/ MOQ)
LGA775 Q45 Mini-ITX motherboard with VGA, Gigabit LAN(PHY),
PCI-E Gigabit LAN, 4x SATA II, 1x e SATA, RAID 0,1, 5,10, 1x PCI,
iAMT 5.0
MI950GF
LGA775 G45 Mini-ITX motherboard with VGA, Gigabit LAN(PHY),
PCI-E Gigabit LAN, 4x SATA II,1x PCI
Mini-ITX Motherboard
Features
● Supports Intel® Core™2 Quad / Intel® Core™2 Duo / Pentium® / Celeron®
processors, 800/1066/1333MHz FSB
● 2x DDR3 DIMM, Max. 4GB
● Onboard Gigabit LAN
● 4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
● 1x PCI-E(x1), 1x PCI
● Supports dual display; CRT/DVI-D, 5.1 CH HD audio
● Supports up to 6x COMs via COM board (optional)
● Supports TPM 1.2 (optional)
Audio
DVI/VGA
RJ-45/USB
USB
COM
PCI-E(x1)
PCI
IDE
LGA775
Socket
DDR3
Sockets
PS2
KB/Mouse
ATX 12V
SATA II
ATX Power
Specifications
CPU
LGA775 for Intel® Core™2 Quad /Core™2 Duo / Pentium® /
Celeron® processors
System Memory
2x 240-pin DDR3 DIMM, Max. 4GB
System Chipset
Intel® G41 + ICH7, 800/1066/1333MHz FSB
BIOS
AMI
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slots
1x PCI-E(x1), 1x PCI
VGA Controller
Intel® G41 integrated GMA X4500
VGA Memory
Supports DVMT 5.0; Max. shared memory - 224MB
Display Interface
VGA & DVI-D
LAN Controller
1x Intel® 82583V PCI-E Gigabit LAN
Connector
RJ-45 on board
I/O Chipset
Winbond W83627DHG-P
1x IDE, 1x KB, 1x mouse,
1x RS232, 1x RS-232/422/485, 4x SATA II (3.0Gb/sec.)
USB
4 ports on board
Pin header for 2 ports (USB 2.0)
Audio
Intel® built-in HD audio w/ Realtek ALC662 codec for 5.1CH
Others
Digital I/O (4-in/4-out)
Dimensions
170mm x 170mm (6.7” x 6.7”)
Max. Power
Requirement
Intel® Core™2 Quad Q6600 2.4GHz
w/ 2GB DDR3
+5V: 5.26A
+12V: 0.83A
CPU input +12V: 5.06A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
LGA775 Intel® Core™2 Quad / Core™2 Duo Mini-ITX
Motherboard w/ Intel® G41 Express chipset
MI941
12
USB
4
COM
4
SATA III
1
Gbe LAN
Ordering Information
MI941
LGA775 G41 Mini-ITX motherboard with VGA, DVI-D and
1x Gigabit LAN


Similar Part No. - MI950AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI95 ETC2-MI95 Datasheet
797Kb / 1P
2x DDR3 DIMM, Max. 8GB, supports ECC
MI953 ETC2-MI953 Datasheet
797Kb / 1P
2x DDR3 DIMM, Max. 8GB, supports ECC
MI953AF ETC2-MI953AF Datasheet
797Kb / 1P
2x DDR3 DIMM, Max. 8GB, supports ECC
MI953F ETC2-MI953F Datasheet
797Kb / 1P
2x DDR3 DIMM, Max. 8GB, supports ECC
MI956 ETC2-MI956 Datasheet
745Kb / 1P
Integrated VGA, supports DVI-I/DVI-D/LVDS/HDMI
More results

Similar Description - MI950AF

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
JDS Uniphase Corporatio...
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
LW 4x/2x/1x FC SFP with DDM
logo
List of Unclassifed Man...
MB980 ETC2-MB980 Datasheet
621Kb / 1P
10x USB 2.0, 4x USB 3.0, 6x COM, 6x SATA III
IB827 ETC2-IB827 Datasheet
1Mb / 1P
6x SATA II, 2x COM, 6x USB 2.0, Watchdog timer
IB936F ETC2-IB936F Datasheet
1Mb / 1P
4x SATA II, 4x USB 2.0, 2x COM, Watchdog timer
MB935 ETC2-MB935 Datasheet
588Kb / 1P
4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
logo
Tripp Lite. All Rights ...
U360412 TRIPPLITE-U360412 Datasheet
498Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
Tripp Lite. All Rights ...
U360-412 TRIPPLITE-U360-412 Datasheet
511Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
logo
Cirrus Logic
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com