Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS70
Description  Low Turn-on Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS70 Datasheet HTML 1Page - Diodes Incorporated BAS70 Datasheet HTML 2Page - Diodes Incorporated BAS70 Datasheet HTML 3Page - Diodes Incorporated BAS70 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS70/ -04/ -05/ -06
Document number: DS11007 Rev. 22 - 2
1 of 4
www.diodes.com
July 2012
© Diodes Incorporated
BAS70/ -04/ -05/ -06
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
•
Low Turn-on Voltage
•
Fast Switching
•
PN Junction Guard Ring for Transient and ESD Protection
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
 
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT23
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Polarity: See Diagrams Below
•
Weight: 0.008 grams (approximate)
Top View
BAS70
BAS70-04
BAS70-05
BAS70-06
Ordering Information (Note 4 & 5)
Part Number
Case
Packaging
BAS70-7-F
SOT23
3000/Tape & Reel
BAS70-04-7-F
SOT23
3000/Tape & Reel
BAS70-05-7-F
SOT23
3000/Tape & Reel
BAS70-06-7-F
SOT23
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
5. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code
V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Marking Information
Date Code Key
Year
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
M
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
e3
K=(SAT,Shangbai Assembly / test site)
C=(CAT / DTC , ChengDu Assembly / test site)
xx = Product Type Marking Code:
73, K7C = BAS70
74, K7D = BAS70-04
75, K7E = BAS70-05
76, K7F = BAS70-06
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
Kxx
Please click here to visit our online spice models database.


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22960 TI-TPS22960_2 Datasheet
727Kb / 24P
LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
logo
SHENZHEN YONGERJIA INDU...
BAT54WS WINNERJOIN-BAT54WS Datasheet
230Kb / 3P
Low turn-on voltage.
logo
Nanjing International G...
BAS70 DGNJDZ-BAS70 Datasheet
93Kb / 2P
Low turn-on voltage
BAS70WS DGNJDZ-BAS70WS Datasheet
984Kb / 1P
Low Turn-on Voltage
logo
First Components Intern...
BAT54WS FCI-BAT54WS Datasheet
143Kb / 2P
Low Turn-On Voltage, Fast Switching
logo
Willow Technologies Ltd
682 WILLOW-682 Datasheet
130Kb / 2P
Zero voltage turn-on SCR output
logo
SHIKUES Electronics
BAS40WS SKTECHNOLGY-BAS40WS Datasheet
1Mb / 3P
Low Turn-on Voltage, Fast Switching
BAS70 SKTECHNOLGY-BAS70 Datasheet
863Kb / 1P
Low Turn-on Voltage, Fast Switching
BAS70W SKTECHNOLGY-BAS70W Datasheet
1Mb / 2P
Low Turn-on Voltage, Fast Swithing
BAT54T SKTECHNOLGY-BAT54T Datasheet
709Kb / 3P
Low Turn-on voltage, Fast Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com