Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPR35P03 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SPR35P03
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPR35P03 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SPR35P03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPR35P03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPR35P03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPR35P03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SPR35P03
-35A , -30V , RDS(ON) 27 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
19-May-2014 Rev.A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SPR35P03 provide the designer with the best
combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness. The PR-8PP package
is universally preferred for all commercial-industrial surface
mount applications and suited for low voltage applications
such as DC/DC converters.
FEATURES
Lower Gate Charge
Simple Drive Requirement
Fast Switching Characteristic
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
PR-8PP
3K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
TC=25°C
-35
A
TC=100°C
-22
A
TA=25°C
-8.5
A
Continuous Drain Current
1@V
GS=10V
TA=70°C
ID
-6.8
A
Pulsed Drain Current
2
IDM
-70
A
Single Pulse Avalanche Energy
3
EAS
135
mJ
Avalanche Current
IAS
-30
A
Total Power Dissipation
4
TC=25°C
P D
37.5
W
Operating Junction & Storage Temperature
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Thermal Resistance Junction-Ambient
1(Max).
RθJA
62
°C / W
Thermal Resistance Junction-Case
1(Max).
RθJC
3.33
°C / W
35P03
= Date code
PR-8PP
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.9
5.1
G
0.8
1.0
B
5.7
5.9
H
0.254 Ref.
C
5.95
6.2
I
4.0 Ref.
D
1.27 BSC.
J
3.4 Ref.
E
0.35
0.49
K
0.6 Ref.
F
0.1
0.2
L
1.4 Ref.


Similar Part No. - SPR35P03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPR35P03 SECOS-SPR35P03_15 Datasheet
336Kb / 4P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SPR35P03

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com