Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRL5100 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SRL5100
Description  Low VF Trench MOS Barrier Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SRL5100 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SRL5100 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SRL5100 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SRL5100
Voltage 100V 5.0 Amp
Low VF Trench MOS Barrier Schottky Rectifier
06-Mar -2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Trench MOS Schottky technology
Low forward voltage drop
Low reverse current
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 1.1 g (Approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRSM
100
V
Maximum DC Blocking Voltage
VDC
100
V
Maximum Average Forward Rectified Current
IF
5
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC method)
IFSM
80
A
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / µs
Typical Thermal Resistance
RθJC
12
°C /W
Operating and Storage Temperature Range
TJ,TSTG
-40~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.55
0.63
IF = 3A, TJ = 25°C
0.65
0.75
IF = 5A, TJ = 25°C
Maximum Instantaneous Forward
Voltage
VF
0.60
-
V
IF = 5 A, TJ = 125°C
-
0.1
TJ=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
2
IR
-
10
mA
TJ=100°C
Typical Junction Capacitance
1
CJ
300
-
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Pulse Test:Pulse Width = 300 µs, Duty Cycle ≦ 2.0%.
DO-27(DO-201)
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
7.20
9.50
C
4.80
5.60
D
1.10
1.30


Similar Part No. - SRL5100

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SRL5100 RECTRON-SRL5100 Datasheet
91Kb / 5P
SCHOTTKY BARRIER RECTIFIER
SRL5100K RECTRON-SRL5100K Datasheet
157Kb / 4P
SCHOTTKY BARRIER RECTIFIER
SRL5100P RECTRON-SRL5100P Datasheet
169Kb / 6P
SCHOTTKY BARRIER RECTIFIER
SRL5100PV RECTRON-SRL5100PV Datasheet
188Kb / 6P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 5.0 Ampere
2021-12 REV: O
logo
SeCoS Halbleitertechnol...
SRL5100 SECOS-SRL5100_15 Datasheet
115Kb / 2P
Low VF Trench MOS Barrier Schottky Rectifier
More results

Similar Description - SRL5100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL40U100F SECOS-SBL40U100F_15 Datasheet
161Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SRL5100 SECOS-SRL5100_15 Datasheet
115Kb / 2P
Low VF Trench MOS Barrier Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P10S45SP-TO277 YFWDIODE-P10S45SP-TO277 Datasheet
793Kb / 3P
Trench MOS Barrier Schottky Rectifier, Low VF Low IR
5V45A-SMA YFWDIODE-5V45A-SMA Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier, Low VF
5V45A-SMAF YFWDIODE-5V45A-SMAF Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier, Low VF
10S45SP-TO277 YFWDIODE-10S45SP-TO277 Datasheet
737Kb / 3P
Trench MOS Barrier Schottky Rectifier, Low VF Low IR
5V45A-SMA-SMAF YFWDIODE-5V45A-SMA-SMAF Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier, Low VF
logo
SeCoS Halbleitertechnol...
SRL5150 SECOS-SRL5150 Datasheet
196Kb / 2P
5A, 150V Low VF Trench MOS Barrier Schottky Rectifier
SK5100C SECOS-SK5100C Datasheet
199Kb / 2P
Low VF Trench MOS Barrier Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
10S45SP YFWDIODE-10S45SP Datasheet
681Kb / 3P
Trench MOS Barrier Schottky Rectifier Low VF Low IR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com