Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP7404NA Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP7404NA
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7404NA Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSP7404NA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7404NA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSP7404NA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSP7404NA Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSP7404NA
35A, 30V, RDS(ON) 2.8 mΩ
Ω
Ω
Ω
N-Channel Enhancement MOSFET
30-Dec-2013 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Static
Gate-Threshold Voltage
VGS(th)
1
-
-
V
VDS=VGS, ID=250µA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS=0, VGS= ±20V
-
-
1
VDS=24V, VGS=0
Zero Gate Voltage Drain Current
IDSS
-
-
25
µA
VDS=24V, VGS=0,TJ=55°C
On-State Drain Current
1
ID(ON)
50
-
-
A
VDS=5V, VGS=10V
-
-
2.8
VGS=10V, ID=20A
Drain-Source On-Resistance
1
RDS(ON)
-
-
4
m
VGS=4.5V, ID=16A
Forward Transconductance
1
gFS
-
26
-
S
VDS=15V,,ID=20A
Diode Forward Voltage
VSD
-
0.73
-
V
IS=3.7A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
64
-
Gate-Source Charge
Qgs
-
17
-
Gate-Drain Charge
Qgd
-
32
-
nC
ID=20A
VDS=15V
VGS=4.5V
Turn-On Delay Time
Td(ON)
-
17
-
Rise Time
Tr
-
28
-
Turn-Off Delay Time
Td(OFF)
-
168
-
Fall Time
Tf
-
65
-
nS
ID=20A, VDS=15V
VGEN=10V
RL=0.8 , RGEN=6
Input Capacitance
Ciss
-
13001
-
Output Capacitance
Coss
-
966
-
Reverse Transfer Capacitance
Crss
-
939
-
pF
VDS=15V, VGS=0, f=1MHz
Notes:
1.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com