Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3693ND Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MAS3693ND
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3693ND Datasheet(HTML) 4 Page - Dynex Semiconductor

  MAS3693ND Datasheet HTML 1Page - Dynex Semiconductor MAS3693ND Datasheet HTML 2Page - Dynex Semiconductor MAS3693ND Datasheet HTML 3Page - Dynex Semiconductor MAS3693ND Datasheet HTML 4Page - Dynex Semiconductor MAS3693ND Datasheet HTML 5Page - Dynex Semiconductor MAS3693ND Datasheet HTML 6Page - Dynex Semiconductor MAS3693ND Datasheet HTML 7Page - Dynex Semiconductor MAS3693ND Datasheet HTML 8Page - Dynex Semiconductor MAS3693ND Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
MA3690/1/3
4/41
OPERATION IN BUS CONTROL MODE
For this mode of operation the RT/BC pin must be held in
the logic zero state. On power up the PUC or RESET line must
be pulsed low for a minimum of 500ns causing the chip set to
initialise and assume the halted state with the HALTED output
low. To release the terminal from the halted state, the
subsystem must drive the HALTREQ line through a low to high
transition, at which time the HALTED line will go inactive.
When the HALTED line goes inactive,the terminal will
address a four word deep Instruction Store as shown below,
using the C0 and Cl outputs.
This first instruction after a Reset is a NOOP.
INSTRUCTION STORE
C1
C0
Word
0
0
Instruction
0
1
Receive Command
1
0
Transmit Command
1
1
Data Pointer
The instruction word specifies the operation which the
terminal is to carry out, and is formatted in the following way:
Instruction Word
Bit
15.14. 13.12.11.
10.9.8.7.
6.5.
4.3.
2.1.0.
Retry
Retry
Interrupt
Bus
Functlon Message
Count Condition Conditlon
Select Code
Code
The significance of the instruction word bits are as follows:
Message Code
Code
Transfer Type
000
RT to BC
001
BC to RT
010
RT to RT, data to BC subsystem
011
RT to RT, no data to BC subsystem
100
Broadcast RT to BC, non data mode commands only
101
Broadcast BC to RT
110
Broadcast RT to RT, data to BC subsystem
111
Broadcast RT to RT, no data to BC subsystem
Mode Codes without data are followed by a NOOP.
Function Code
Code
Terminal Function
00
Execute message code
01
Perform self test
10
Monitor bus
11
No operation (NOOP)
The Function Code (bits 4 and 3 of the Instruction Word)
specifies the required terminal mode of operation.
Execute - Code 00
With the Function code bits set to 00, the terminal will
execute the message as defined in the Message code bits
Self Test - Code 01
If the terminal has been selected to perform a Self Test
then the terminal transmitter output stages will be disabled and
the self test sequence entered. At the end of the Self Test the
transmitter stages will be re-enabled and a Report sequence
will be activated, in order to report on the success, or failure, of
the Self Test.
Passive Monitor - Code 10
If the Function code of the Instruction word is 10 the
terminal will disable the transmitter output stages, suspend
table execution and merely monitor the specified bus for valid
words.
No Operation - Code 11
The No Operation code provides a means of introducing
delay or a wait sequence into the table operation. In selecting
this code the terminal will be forced into the Report sequence
and provide either an increment signal (INCADRN) or an
interrupt (IRQN) if the Interrupt Always flag in the Instruction
word has been selected.
Bus Select
Code
Definition
00
Transmit on bus 0
01
Transmit on bus 1
Note: Bit 6 of the instruction word is tied low internally.
The required data bus on which transactions take place is
defined by bit 5. In addition to this, this bit defines the bus on
which the Transmitter Self Test operation will be conducted
and the choice of the bus for monitor purposes in Passive
Monitor mode.
Interrupt Condition
Code
Definition
0001
Interrupt if no response
0010
Interrupt if status bit set
0100
Interrupt always
1000
Interrupt if word error
If the terminal detects one of the above conditions and the
appropriate flag is set, the the IRQ line will pulse low for 250ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com