Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST3585S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SST3585S
Description  N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SST3585S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SST3585S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SST3585S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SST3585S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SST3585S Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SST3585S Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SST3585S Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SST3585S Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Elektronische Bauelemente
SST3585S
3.5A, 20V, RDS(ON) 75mΩ
Ω
Ω
Ω
-2.5A, -20V, RDS(ON) 160mΩ
Ω
Ω
Ω
N And P-Channel Enhancement Mode Power MOSFET
25-Mar-2014 Rev. A
Page 2 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
N-Ch
20
-
-
VGS=0, ID=250µA
Drain-Source Breakdown
Voltage
P-Ch
BVDSS
-20
-
-
V
VGS=0, ID= -250µA
N-Ch
-
0.02
-
Reference to 25°C, ID=1mA
Breakdown Voltage Temp.
Coefficient
P-Ch
△BVDSS/△TJ
-
-0.01
-
V/°C
Reference to 25°C, ID= -1mA
N-Ch
0.5
-
1.2
VDS=VGS, ID=250µA
Gate-Threshold Voltage
P-Ch
VGS(th)
-
-
-1.2
V
VDS=VGS, ID= -250µA
N-Ch
-
7
-
VDS=5V, ID=3A
Forward Transconductance
P-Ch
gfs
-
4
-
S
VDS= -5V, ID= -2A
N-Ch
-
-
±100
VGS= ±12V
Gate-Source Leakage Current
P-Ch
IGSS
-
-
±100
nA
VGS= ±12V
N-Ch
-
-
1
VDS=20 V, VGS=0
P-Ch
-
-
-1
VDS= -20 V, VGS=0
N-Ch
-
-
10
VDS=16V, VGS=0
Drain-Source Leakage Current
P-Ch
IDSS
-
-
-25
µA
VDS= -16V, VGS=0
N-Ch
-
-
75
VGS=4.5V, ID=3.5A
P-Ch
-
-
160
VGS= -4.5V, ID= -2.5A
N-Ch
-
-
125
VGS=2.5V, ID=1.2A
Drain-Source On-Resistance
1
P-Ch
RDS(ON)
-
-
300
m
VGS= -2.5V, ID= -2A
N-Ch
-
4
7
Total Gate Charge
1
P-Ch
Qg
-
5
8
N-Ch
-
0.7
-
Gate-Source Charge
P-Ch
Qgs
-
1
-
N-Ch
-
2
-
Gate-Drain Charge
P-Ch
Qgd
-
2
-
nC
N-Channel
VDS=16V, VGS=4.5V, ID=3A
P-Channel
VDS= -16V, VGS= -4.5V, ID= -2A
N-Ch
-
6
-
Turn-on Delay Time
1
P-Ch
Td(on)
-
6
-
N-Ch
-
8
-
Rise Time
P-Ch
Tr
-
17
-
N-Ch
-
10
-
Turn-off Delay Time
P-Ch
Td(off)
-
16
-
N-Ch
-
3
-
Fall Time
P-Ch
Tf
-
5
-
nS
N-Channel
VDS=15V, RG=3.3 ,RD=15
VGS=5V, ID=1A
P-Channel
VDS= -10V, RG=3.3 ,RD=10
VGS= -10V, ID= -1A
N-Ch
-
430
520
Input Capacitance
P-Ch
Ciss
-
630
750
N-Ch
-
55
-
Output Capacitance
P-Ch
Coss
-
50
-
N-Ch
-
40
-
Reverse Transfer Capacitance
P-Ch
Crss
-
40
-
pF
N-Channel
VGS=0, VDS=20V, f=1.0MHz
P-Channel
VGS=0, VDS= -20V, f=1.0MHz
N-Ch
-
1.4
1.7
Gate Resistance
P-Ch
Rg
-
7
10
f=1.0MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com