Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3690CE Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # MAS3690CE
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3690CE Datasheet(HTML) 8 Page - Dynex Semiconductor

Back Button MAS3690CE Datasheet HTML 4Page - Dynex Semiconductor MAS3690CE Datasheet HTML 5Page - Dynex Semiconductor MAS3690CE Datasheet HTML 6Page - Dynex Semiconductor MAS3690CE Datasheet HTML 7Page - Dynex Semiconductor MAS3690CE Datasheet HTML 8Page - Dynex Semiconductor MAS3690CE Datasheet HTML 9Page - Dynex Semiconductor MAS3690CE Datasheet HTML 10Page - Dynex Semiconductor MAS3690CE Datasheet HTML 11Page - Dynex Semiconductor MAS3690CE Datasheet HTML 12Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
MA3690/1/3
8/41
CONTINUOUS OPERATION
The continuous message table
operation mode can be achieved by
ensuring that at the end of a message the
HALTREQN line is high. Thus, assuming
that the message has executed correctly,
the terminal will generate a signal to
increment the external address counter
(INCADRN) and continue to the next
instruction. If, however there has been an
interrupt generated (IRQN active) the
terminal will halt in the HALTEDN state
until specifically requested to continue.
Note that no address increment will take
place. To continue execution the
HALTREQN line should be taken low to
high for the appropriate time.
Continuous table driven operation
results in an intermessage gap of 20us.
Figure 1 shows the instruction fetch
and execute cycle.
Figure 1: BC Instruction Fetch and Execute Cycle
Has
HALTREQ
gone low to
high ?
NO
YES
Set HALTED high
Fetch Instruction
Message
Command
Error ?
YES
NO
Execute
Instruction
Retry
Required ?
Retry
Count = 0 ?
YES
NO
YES
NO
Decrement
Retry Count
Output
Report Word
INT.
Required ?
YES
NO
Pulse IRQ
Increment
Instruction Address
HALTREQ
= 0 ?
YES
NO
SET HALTED low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com