Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32560 Datasheet(PDF) 2 Page - EPCOS

Part # B32560
Description  Metallized Polyester Film Capacitors (MKT)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32560 Datasheet(HTML) 2 Page - EPCOS

  B32560 Datasheet HTML 1Page - EPCOS B32560 Datasheet HTML 2Page - EPCOS B32560 Datasheet HTML 3Page - EPCOS B32560 Datasheet HTML 4Page - EPCOS B32560 Datasheet HTML 5Page - EPCOS B32560 Datasheet HTML 6Page - EPCOS B32560 Datasheet HTML 7Page - EPCOS B32560 Datasheet HTML 8Page - EPCOS B32560 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Typical applications
SMPS, converter
Electronic ballasts
Compact fluorescent lamps (CFL)
Ignition
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/125/56
Features
Special dimensions available on request
High pulse strength
Small dimensions
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Stacked-film technology
Uncoated
Terminals
Parallel wire leads, lead-free tinned
Special lead lengths available on request
Marking
Rated capacitance (coded),
rated DC voltage
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel) for lead spacing
≤15.0 mm.
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
7.5
0.5
B32560
10.0
0.5
B32561
15.0
0.6
B32562J
0.8
B32562H
22.5
0.8
B32563
27.5
0.8
B32564
Notes on mounting
When mounting these capacitors, take into account creepage distances and clearances to
adjacent live parts. The insulating strength of the cut surfaces to other live parts of the circuit is
1.5 times the capacitors rated DC voltage, but is always at least 300 V DC.
Capacitors with 7.5 mm lead spacing are only suitable for use with single-clad printed circuit
boards.
Metallized polyester film capacitors (MKT)
B32560 ... B32564
General purpose (stacked) SilverCapTM
Page 2 of 32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com