Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDR005N25TL Datasheet(PDF) 1 Page - Rohm

Part # RDR005N25TL
Description  4V Drive Nch MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RDR005N25TL Datasheet(HTML) 1 Page - Rohm

  RDR005N25TL Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Top of Page
Privacy Policy
Terms & Conditions
Copyright © 1997-2010 ROHM Co., Ltd.
Transistors
MOSFETs
Bipolar Transistors
Digital Transistors
Complex Transistors
Diodes
ICs
Discrete
Semiconductors
Opto Electronics
Passive Components
Modules
(Sub Systems)
Print out
Data Sheet
Design Model
TH
Reliability information
Operation notes
Condition of soldering
Outline
TSMT3
Dimensions
* Click to enlarge.
Equivalent circuit diagram
[ Product description ]
Power MOSFETs are made as low ON-resistance devices by the micro-
processing technologies useful for wide range of applications.Broad lineup
covering compact types, high-power types and complex types to meet various
needs in the market.
• 4V-drive type Nch Middle-power MOSFET
Features
Product specifications
Absolute maximum ratings (Ta=25ºC)
Rated parameters
Standard
value
Conditions
Drain-Source voltage V
DSS(V)
250
Gate-Source voltage V
GSS(V)
±20
Drain current(continuous) I
D
(A)
±0.5
Source current(body Di) I
S(A)
0.5
Total power dissipation P
D(W)
1
Mounted on a ceramic
board
Channel temperature Tch(ºC)
150
Storage temperature Tstg(ºC)
-55 to +150
*1 Active: Production or current type Preparation: Preliminary type Preview: Development type
*2 Display ranks are representative hFE rank.Please understand that selection of hFE rank is not possible.
*The contents described here are just outline for introduction.
Please obtain the specification sheets from us for thorough check before use.
Status Product
Part No.
Package
Status
*1
RoHS
Packing
style
Package
quantity
Samples
*2
Sales
RDR005N25TL
TSMT3
Active
Yes
taping
3000
Inquiry
Please check the details on "Product List" for Others.
Others
2010.07.21
The industry's highest
efficiency MOSFETs for
DC/DC power supplies:
ECOMOSTM
2010.02.25
ROHM's ultra-low
voltage drive MOSFETs
- ECOMOSTM - enable
driving from a control
voltage of 0.9V
2010.01.22
ROHM continues to offer
its lineup of ultra-low
voltage MOSFETs
ECOMOS™ series
2009.05.29
High speed trr High
Voltage Resistance
PrestoMOSTM Series
2009.02.27
ROHM's new RC series
of 250V MOSFETs
Transistors
Operation notes
Pant No. explanation
Package
Taping specifications
Soldering conditions
>Surface mounted type
transistors
>Leaded type transistors
Storage conditions
Explanation of symbols
FAQ
ROHM Internet Direct
Shopping
RoHS directive compliance
Contact us
4V Drive Nch MOSFET
RDR005N25
HOME, Products > Discrete Semiconductors > Transistors > MOSFETs > RDR005N25
6
Site Search
Site Map
Page 1 of 1
RDR005N25 | MOSFETs | Transistors | Discrete Semiconductors | ROHM CO., LTD.
8/19/2010
http://www.rohm.com/products/discrete/transistor/mosfet/rdr005n25/


Similar Part No. - RDR005N25TL

ManufacturerPart #DatasheetDescription
logo
Rohm
RDR005N25 ROHM-RDR005N25 Datasheet
546Kb / 13P
Nch 250V 0.5A Power MOSFET
More results

Similar Description - RDR005N25TL

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
4V Drive NchNch MOSFET
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
4V Drive NchNch MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com