Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2903FVM Datasheet(PDF) 13 Page - Rohm

Part # BA2903FVM
Description  Ground Sense Comparator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903FVM Datasheet(HTML) 13 Page - Rohm

Back Button BA2903FVM Datasheet HTML 9Page - Rohm BA2903FVM Datasheet HTML 10Page - Rohm BA2903FVM Datasheet HTML 11Page - Rohm BA2903FVM Datasheet HTML 12Page - Rohm BA2903FVM Datasheet HTML 13Page - Rohm BA2903FVM Datasheet HTML 14Page - Rohm BA2903FVM Datasheet HTML 15Page - Rohm BA2903FVM Datasheet HTML 16Page - Rohm BA2903FVM Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
13/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
Typical Performance Curves - continued
○BA8391G
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10
12
14
16
18
20
Output Sink Current [mA]
-8
-6
-4
-2
0
2
4
6
8
0
1020
3040
Supply Voltage [V]
0
10
20
30
40
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
2V
36V
5V
36V
5V
2V
-40℃
25℃
85℃
-40℃
25℃
85℃
Figure 9.
Input Offset Voltage vs Supply Voltage
Figure 6.
Output Saturation Voltage vs Ambient Temperature
( IOL=4mA)
Figure 7.
Output Saturation Voltage vs
Output Sink Current
(VCC=5V)
Figure 8.
Output Sink Current vs Ambient Temperature
(OUT=1.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com