Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7812CV Datasheet(PDF) 55 Page - STMicroelectronics

Part # L7812CV
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7812CV Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L7812CV Datasheet HTML 50Page - STMicroelectronics L7812CV Datasheet HTML 51Page - STMicroelectronics L7812CV Datasheet HTML 52Page - STMicroelectronics L7812CV Datasheet HTML 53Page - STMicroelectronics L7812CV Datasheet HTML 54Page - STMicroelectronics L7812CV Datasheet HTML 55Page - STMicroelectronics L7812CV Datasheet HTML 56Page - STMicroelectronics L7812CV Datasheet HTML 57Page - STMicroelectronics L7812CV Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
DocID2143 Rev 32
55/58
Positive voltage regulator ICs
Order codes
58
10
Order codes
Table 26. Order codes
Part
numbers
Order codes
TO-220
(single gauge)
TO-220
(dual gauge)
DPAK
D²PAK
TO-220FP
Output
voltages
L7805C
L7805CV
L7805CDT-TR
L7805CD2T-TR
L7805CP
5 V
L7805CV-DG
5 V
L7805AB
L7805ABV
L7805ABD2T-TR
L7805ABP
5 V
L7805ABV-DG
5 V
L7805AC
L7805ACV
L7805ACD2T-TR
L7805ACP
5 V
L7805ACV-DG
5 V
L7806C
L7806CV
L7806CD2T-TR
6 V
L7806CV-DG
6 V
L7806AB
L7806ABV
L7806ABD2T-TR
6 V
L7806ABV-DG
6 V
L7806AC
L7806ACV
6 V
L7806ACV-DG
6 V
L7808C
L7808CV
L7808CD2T-TR
8 V
L7808CV-DG
8 V
L7808AB
L7808ABV
L7808ABD2T-TR
8 V
L7808ABV-DG
8 V
L7808AC
L7808ACV
8 V
L7808ACV-DG
8 V
L7885C
L7885CV
8.5 V
L7809C
L7809CV
L7809CD2T-TR
L7809CP
9 V
L7809CV-DG
9 V
L7809AB
L7809ABV
L7809ABD2T-TR
9 V
L7809ABV-DG
9 V
L7809AC
L7809ACV
9 V
L7812C
L7812CV
L7812CD2T-TR
L7812CP
12 V
L7812CV-DG
12 V
L7812AB
L7812ABV
L7812ABD2T-TR
12 V
L7812ABV-DG
12 V
L7812AC
L7812ACV
L7812ACD2T-TR
12 V
L7812ACV-DG
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com