Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1007C150MPWST Datasheet(PDF) 13 Page - Kemet Corporation

Part # L1007C150MPWST
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1007C150MPWST Datasheet(HTML) 13 Page - Kemet Corporation

Back Button L1007C150MPWST Datasheet HTML 9Page - Kemet Corporation L1007C150MPWST Datasheet HTML 10Page - Kemet Corporation L1007C150MPWST Datasheet HTML 11Page - Kemet Corporation L1007C150MPWST Datasheet HTML 12Page - Kemet Corporation L1007C150MPWST Datasheet HTML 13Page - Kemet Corporation L1007C150MPWST Datasheet HTML 14Page - Kemet Corporation L1007C150MPWST Datasheet HTML 15Page - Kemet Corporation L1007C150MPWST Datasheet HTML 16Page - Kemet Corporation L1007C150MPWST Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
13
0402 Case Size Multilayer Chip Inductors for High Frequency (L-RMS Series)
Ordering Code
Inductance
(nH)
Inductance
Tolerance
Q
min.
Measuring
Frequency
(MHz)
Typical Q
Self-resonant
Frequency
(MHz)
DC
Resistance
(
Ω
Ω)
Maximum Rated Current
(mA)
Thickness mm
(inches)
Tape & Reel
Packaging
Quantity
Frequency (MHz)
100 300 500 800 1000
min.
typ.
max. tvp. -55° to 125°C -55° to 85°C
L0402C1N0SRMST
1.0
±0.3nH
8
100
11
25
34
43
52
10000 >13000 0.08
0.04
300
900
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C1N2SRMST
1.2
±0.3nH
8
100
11
25
35
44
52
10000 >13000 0.09
0.04
300
900
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C1N5SRMST
1.5
±0.3nH
8
100
11
24
33
44
48
6000
>13000 0.10
0.05
300
850
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C1N8SRMST
1.8
±0.3nH
8
100
11
23
30
36
42
6000
11000
0.12
0.06
300
700
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C2N0SRMST
2
±0.3nH
8
100
11
21
27
34
39
6000
10500
0.12
0.06
300
700
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C2N2SRMST
2.2
±0.3nH
8
100
10
18
25
31
36
6000
10000
0.13
0.07
300
700
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C2N4SRMST
2.4
±0.3nH
8
100
10
18
24
31
35
6000
9500
0.13
0.07
300
650
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C2N7SRMST
2.7
±0.3nH
8
100
10
18
24
31
34
6000
9000
0.13
0.08
300
650
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C3N0SRMST
3
±0.3nH
8
100
10
18
24
31
35
6000
8500
0.16
0.09
300
600
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C3N3SRMST
3.3
±0.3nH
8
100
10
18
24
31
35
6000
8000
0.16
0.10
300
550
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C3N6SRMST
3.6
±0.3nH
8
100
10
18
24
31
35
5000
7500
0.20
0.11
300
500
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C3N9SRMST
3.9
±0.3nH
8
100
10
18
24
31
35
4000
7000
0.21
0.12
300
500
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C4N3SRMST
4.3
±0.3nH
8
100
10
18
24
31
35
4000
6500
0.20
0.12
300
500
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C4N7SRMST
4.7
±0.3nH
8
100
10
18
24
31
34
4000
6000
0.21
0.12
300
500
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C5N1SRMST
5.1
±0.3nH
8
100
10
18
24
31
34
4000
5800
0.21
0.13
300
450
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C5N6SRMST
5.6
±0.3nH
8
100
10
18
24
30
35
4000
5700
0.23
0.15
300
430
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C6N2SRMST
6.2
±0.3nH
8
100
10
18
24
30
34
3900
5600
0.25
0.16
300
430
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C6N8JRMST
6.8
±5%
8
100
10
18
23
29
32
3900
5500
0.25
0.17
300
430
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C7N5JRMST
7.5
±5%
8
100
10
18
23
29
32
3700
5200
0.25
0.18
300
400
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C8N2JRMST
8.2
±5%
8
100
10
18
23
29
31
3600
4900
0.28
0.21
300
380
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C9N1JRMST
9.1
±5%
8
100
10
18
23
29
31
3400
4500
0.30
0.22
300
360
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C10NJRMST
10
±5%
8
100
10
18
23
29
31
3200
4300
0.31
0.23
300
340
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C12NJRMST
12
±5%
8
100
11
18
23
29
31
2700
3900
0.40
0.28
300
330
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C15NJRMST
15
±5%
8
100
11
18
23
28
30
2300
3500
0.46
0.31
300
320
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C18NJRMST
18
±5%
8
100
11
18
23
28
30
2100
3100
0.55
0.35
300
310
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C22NJRMST
22
±5%
8
100
11
17
22
26
27
1900
2800
0.60
0.42
300
300
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C27NJRMST
27
±5%
8
100
11
17
21
25
26
1600
2300
0.70
0.47
300
300
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C33NJRMST
33
±5%
8
100
11
16
20
23
22
1300
1900
0.80
0.50
200
250
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C39NJRMST
39
±5%
8
100
11
16
20
23
21
1200
1700
0.90
0.52
200
250
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C47NJRMST
47
±5%
8
100
11
16
19
21
18
1000
1500
1.00
0.58
200
230
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C56NJRMST
56
±5%
8
100
11
16
18
18
16
750
1300
1.00
0.61
200
220
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C68NJRMST
68
±5%
8
100
11
15
17
18
11
750
1200
1.20
0.70
180
200
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402C82NJRMST
82
±5%
8
100
10
14
16
15
6
600
1100
1.30
0.81
150
200
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402CR10JRMST
100
±5%
8
100
10
14
14
12
-
600
1000
1.50
0.94
150
200
0.50 ±0.05 (0.02 ±0.002)
10,000
L0402CR12JRMST
120
±5%
8
100
10
12
10
-
-
600
800
1.60
1.10
150
200
0.50 ±0.05 (0.02 ±0.002)
10,000
Multilayer Chip Inductors - High Frequency - L-RMS Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com