Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1010B-2PLG6 Datasheet(PDF) 21 Page - Actel Corporation

Part # A1010B-2PLG6
Description  ACT 1 Series FPGAs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010B-2PLG6 Datasheet(HTML) 21 Page - Actel Corporation

Back Button A1010B-2PLG6 Datasheet HTML 16Page - Actel Corporation A1010B-2PLG6 Datasheet HTML 17Page - Actel Corporation A1010B-2PLG6 Datasheet HTML 18Page - Actel Corporation A1010B-2PLG6 Datasheet HTML 19Page - Actel Corporation A1010B-2PLG6 Datasheet HTML 20Page - Actel Corporation A1010B-2PLG6 Datasheet HTML 21Page - Actel Corporation A1010B-2PLG6 Datasheet HTML 22Page - Actel Corporation A1010B-2PLG6 Datasheet HTML 23Page - Actel Corporation A1010B-2PLG6 Datasheet HTML 24Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
1-303
ACT ™ 1 Series FPGAs
Package Pin Assignments (continued)
80-Pin VQFP
Pin
A1010B, A10V10B
Function
A1020B, A10V20B
Function
Pin
A1010B, A10V10B
Function
A1020B, A10V20B
Function
2
NC
I/O
47
GND
GND
3
NC
I/O
50
CLK, I/O
CLK, I/O
4
NC
I/O
52
MODE
MODE
7
GND
GND
53
VCC
VCC
13
VCC
VCC
54
NC
I/O
17
NC
I/O
55
NC
I/O
18
NC
I/O
56
NC
I/O
19
NC
I/O
57
SDI, I/O
SDI, I/O
20
VCC
VCC
58
DCLK, I/O
DCLK, I/O
27
GND
GND
59
PRA, I/O
PRA, I/O
33
VCC
VCC
60
NC
NC
41
NC
I/O
61
PRB, I/O
PRB, I/O
42
NC
I/O
68
GND
GND
43
NC
I/O
74
VCC
VCC
Notes:
1.
NC: Denotes No Connection
2.
All unlisted pin numbers are user I/Os.
3.
MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND.
80-Pin
VQFP
80
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com