Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFB0812MB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AFB0812MB
Description  80 x 80 x 15 MM SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFB0812MB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AFB0812MB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OUTLET SIDE
INLET SIDE
mm
(INCH)
UNIT:
UNIT :
(INCH)
mm
SH
L
M
H
HH
VH
3
(M /MIN)
(CFM)
48.0
36.0
24.0
12.0
0
Air Flow
0
0.04
0.08
0.12
0.16
0.20
0.24
0
3.0
0
1.0
2.0
4.0
5.0
6.0
1.5
0.9
1.2
0.6
0.3
0
AFB0812/24XB
(2.815)
(3.016)
76.6
71.5
4- 4.5
(4- 0.177)
(4- 0.177)
4- 4.5
71.5
76.6
(3.016)
(2.815)
(0.118 0.012)
3.0 0.3
(4- 0.177 0.012)
4- 4.5 0.3
LABEL
71.5 0.3
80.0 0.5
(3.150 0.020)
(2.815 0.012)
3.0 0.3
(0.118 0.012)
15.0 0.5
(0.591 0.020)
10.0
312.0 10.0
(0.394)
(12.283 0.394)
24
http://www.deltaww.com
AFB 80 x 80 x 15 MM SERIES
* Bearing Type
Ball Bearings
* Material
Impeller & Frame : Plastic (UL 94V-0)
* Lead Wires :
UL 1007 AWG #24 OR Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
* Weight : 58g (2.05 oz)
* Rib Type Only
MODEL
Rated
Voltage
Operating
Voltage
Range
Input
Current
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
m3 /min
CFM
mmH2O
IN H2O
dB-A
AFB0812LB
-R00 / -F00
12
7.0 to 13.8
0.09
1.08
2400
0.700
24.72
2.20
0.087
27.5
AFB0824LB
-R00 / -F00
24
14.0 to 27.6
0.05
1.20
AFB0812MB
-R00 / -F00
12
7.0 to 13.8
0.11
1.32
2700
0.800
28.25
2.71
0.107
30.5
AFB0824MB
-R00 / -F00
24
14.0 to 27.6
0.06
1.44
AFB0812HB
-R00 / -F00
12
7.0 to 13.8
0.14
1.68
3100
0.950
33.55
3.50
0.138
34.0
AFB0824HB
-R00 / -F00
24
14.0 to 27.6
0.08
1.92
AFB0812HHB
-R00 / -F00
12
7.0 to 13.8
0.16
1.92
3400
1.010
35.67
4.03
0.159
37.0
AFB0824HHB
-R00 / -F00
24
14.0 to 27.6
0.10
2.40
AFB0812VHB
-R00 / -F00
12
7.0 to 13.8
0.19
2.28
3700
1.110
39.20
4.77
0.188
39.5
AFB0824VHB
-R00 / -F00
24
14.0 to 27.6
0.12
2.88
AFB0812SHB
-R00 / -F00
12
7.0 to 13.8
0.27
3.24
4000
1.210
42.73
5.49
0.216
42.5
AFB0824SHB
-R00 / -F00
24
14.0 to 26.0
0.17
4.08
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
■
DIMENSIONS DRAWING
■
P & Q CURVE (AT RATED VOLTAGE)
■
MOUNTING PANEL CUTOUT


Similar Part No. - AFB0812MB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0812M DELTA-AFB0812M Datasheet
357Kb / 7P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFB0812M-F00 DELTA-AFB0812M-F00 Datasheet
415Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFB0812MD-A DELTA-AFB0812MD-A Datasheet
576Kb / 6P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - AFB0812MB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA825 ORIONFANS-OA825 Datasheet
106Kb / 1P
80 x 25mm (3.15??x 1.0??
logo
Hammond Manufacturing L...
3108NL-05W-B50-P00 HAMMOND-3108NL-05W-B50-P00 Datasheet
324Kb / 2P
3108NL (80 X 20L)
logo
Delta Electronics, Inc.
AFB0512HHB DELTA-AFB0512HHB Datasheet
358Kb / 2P
50 x 50 x 15 MM SERIES
logo
List of Unclassifed Man...
FFB0812SHE ETC2-FFB0812SHE Datasheet
110Kb / 1P
80 x 80 x 38 MM SERIES
8400N ETC2-8400N Datasheet
125Kb / 1P
DC axial fans Series 8400 N 80 x 80 x 25 mm
logo
Schneider Electric
XAPG19201 SCHNEIDER-XAPG19201 Datasheet
144Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, grey, 1 cut-out 22mm, 80 x 80 x 51,5 mm
Feb 10, 2022
XAPG19702 SCHNEIDER-XAPG19702 Datasheet
150Kb / 3P
Harmony XAP, Empty control station, zinc alloy, grey, 2 cut-outs, 횠22, 80 x 80 x 51.5 mm
Feb 10, 2022
XAPM11 SCHNEIDER-XAPM11 Datasheet
160Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, undrilled, 80 x 80 x 51.5 mm
Feb 10, 2022
XAPM1201 SCHNEIDER-XAPM1201 Datasheet
139Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 1 cut-out, 횠22, 80 x 80 x 51.5 mm
Feb 10, 2022
XAPM14 SCHNEIDER-XAPM14 Datasheet
160Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, undrilled, 80 x 80 x 77 mm
Feb 10, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com