Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2W06G Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # F2W06G
Description  FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

F2W06G Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  F2W06G Datasheet HTML 1Page - EIC discrete Semiconductors F2W06G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F2W005G - F2W10G
FAST RECOVERY GLASS
PASSIVATED BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 2.0 Amperes
FEATURES :
* Glass passivated chip
* High case dielectric strength
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated leads solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 1.29 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
F2W
005G
F2W
01G
F2W
02G
F2W
04G
F2W
06G
F2W
08G
F2W
10G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current
0.375" (9.5 mm) lead length
Tc = 50
°C
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
Rating for fusing
( t < 8.3 ms. )
I
2t
10
A
2S
Maximum Forward Voltage per Diode at IF = 1.0 A
VF
1.3
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Junction Capacitance per Diode (Note 2)
CJ
24
pf
Typical Thermal Resistance (Note 3)
R
θJA
36
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp.
2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
3 ) Thermal resistance from Junction to Ambient at 0.375" (9.5 mm) lead length P.C. Board with, 0.22" x 0.22" (5.5 x 5.5 mm)
copper Pads.
Page 1 of 2
Rev. 02 : March 25, 2005
IFSM
30
A
RATING
IF(AV)
2.0
A
WOB
-
0.39 (10.0)
0.31 (7.87)
0.034 (0.86)
0.028 (0.71)
AC
+
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
+
-
AC
AC
1.00 (25.4)
MIN.
Dimension in inches and (millimeter)
* Pb / RoHS Free


Similar Part No. - F2W06G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
F2W005G EIC-F2W005G Datasheet
60Kb / 2P
FAST RECOVERY GLASS
F2W005G-F2W10G EIC-F2W005G-F2W10G Datasheet
60Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
F2W01G EIC-F2W01G Datasheet
60Kb / 2P
FAST RECOVERY GLASS
F2W02G EIC-F2W02G Datasheet
60Kb / 2P
FAST RECOVERY GLASS
More results

Similar Description - F2W06G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FB40 EIC-FB40 Datasheet
45Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FW005G EIC-FW005G Datasheet
20Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FWL005G EIC-FWL005G Datasheet
20Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
RABS2 CHENDA-RABS2 Datasheet
246Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS152 CHENDA-RABS152 Datasheet
292Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_17 Datasheet
321Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS152 CHENDA-RABS152_17 Datasheet
367Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB2F CHENDA-RMB2F Datasheet
292Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_V01 Datasheet
523Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB2F CHENDA-RMB2F_V01 Datasheet
558Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com