Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0603-R033 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AISC-0603-R033
Description  CERAMIC WIRE WOUND INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0603-R033 Datasheet(HTML) 3 Page - Abracon Corporation

  AISC-0603-R033 Datasheet HTML 1Page - Abracon Corporation AISC-0603-R033 Datasheet HTML 2Page - Abracon Corporation AISC-0603-R033 Datasheet HTML 3Page - Abracon Corporation AISC-0603-R033 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AISC-0603
OPTIONS AND PART IDENTIFICATION:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 09.16.13
Visit
www.abracon.com for Terms & Conditions of Sale
ABRACON IS
ISO9001:2008
CERTIFIED
MECHANICAL DIMENSIONS:
Dimension: mm
A MAX.
B MAX.
C MAX.
D REF.
E REF.
F REF.
H REF.
I REF.
J REF.
1.8
1.12
1.02
0.38
0.80
0.30
1.02
0.64
0.64
MATERIALS:
1.80 x 1.12 x 1.02mm
A
Coating
Ultraviolet epoxy resin
c
i
m
a
r
e
C
e
r
o
C
B
C
Wire
Polyurethane system enameled copper wire
D
Electrodes
Ag-Pd with Ni and Au plating
No.
Components
Material
RoHS/RoHS II Compliant
CERAMIC WIRE WOUND INDUCTORS
AISC-0603-
-
Inductance Code
Tolerance
Code
Packaging
Please refer to the Table
C: ± 0.2nH
T: 3kpcs/reel
S: ± 0.3nH
D: ± 0.5nH
G: ±2%
J: ±5%
K: ±10%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com