Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0603-R043 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-0603-R043
Description  CERAMIC WIRE WOUND INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0603-R043 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-0603-R043 Datasheet HTML 1Page - Abracon Corporation AISC-0603-R043 Datasheet HTML 2Page - Abracon Corporation AISC-0603-R043 Datasheet HTML 3Page - Abracon Corporation AISC-0603-R043 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Ceramic construction assures the utmost thermal stability & high SRF
• Exceptionally high Q compared to non-wirewound
inductors, especially at high frequencies
• Inductance options from 1.8nH to 560nH
• Epoxy coating protects wound wire
FEATURES:
APPLICATIONS:
ELECTRICAL SPECIFICATIONS:
• Widely applied in VCO, SAW circuit for GSM,
and CDMA communications
AISC-0603
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 09.16.13
Visit
www.abracon.com for Terms & Conditions of Sale
CERAMIC WIRE WOUND INDUCTORS
ABRACON IS
ISO9001:2008
CERTIFIED
1.80 x 1.12 x 1.02mm
Part Number
AISC-0603-
Inductance Code
Inductance
Tolerance
Min.
Quality
Factor
L/Q Test
Freq.
Max. DC
Resistance
Max. Rated
Current
Min. Self-resonant
Frequency
Units
nH
-
-
MHz
Ω
mA
MHz
Symbol
L
-
Q
Freq.
DCR
Ir
S.R.F
AISC-0603-R0018
1.8
C, S, D J, K
18
250
0.043
1000
> 6000
AISC-0603-R0027
2.7
C, S, D J, K
25
250
0.043
1000
> 6000
AISC-0603-R0033
3.3
C, S, D J, K
25
250
0.059
850
> 6000
AISC-0603-R0036
3.6
C, S, D J, K
25
250
0.059
850
> 6000
AISC-0603-R0039
3.9
C, S, D J, K
25
250
0.059
850
> 6000
AISC-0603-R0043
4.3
C, S, D J, K
25
250
0.059
850
> 6000
AISC-0603-R0047
4.7
C, S, D J, K
25
250
0.065
800
> 6000
AISC-0603-R0051
5.1
C, S, D J, K
21
250
0.130
600
> 6000
AISC-0603-R0062
6.2
C, S, D J, K
29
250
0.095
700
> 6000
AISC-0603-R0068
6.8
C, S, D, G, J, K
29
250
0.095
700
> 6000
AISC-0603-R0075
7.5
C, S, D, G, J, K
33
250
0.095
700
> 6000
AISC-0603-R0082
8.2
C, S, D, G, J, K
31
250
0.095
700
> 6000
AISC-0603-R0087
8.7
C, S, D, G, J, K
31
250
0.095
700
> 6000
AISC-0603-R0091
9.1
C, S, D, G, J, K
30
250
0.120
620
6000
AISC-0603-R0095
9.5
C, S, D, G, J, K
26
250
0.160
540
6000
AISC-0603-R010
10
C, S, D, G, J, K
30
250
0.130
600
6000
AISC-0603-R011
11
C, S, D, G, J, K
35
250
0.130
600
6000
AISC-0603-R012
12
C, S, D, G, J, K
35
250
0.130
600
6000
AISC-0603-R013
13
C, S, D, G, J, K
35
250
0.130
600
6000
AISC-0603-R015
15
C, S, D, G, J, K
37
250
0.150
550
6000
AISC-0603-R016
16
C, S, D, G, J, K
37
250
0.150
550
5500
AISC-0603-R018
18
C, S, D, G, J, K
37
250
0.150
550
5500
AISC-0603-R020
20
C, S, D, G, J, K
37
250
0.150
550
4900
AISC-0603-R022
22
C, S, D, G, J, K
38
250
0.190
490
4600
AISC-0603-R023
23
C, S, D, G, J, K
40
250
0.190
490
3800
AISC-0603-R024
24
C, S, D, G, J, K
40
250
0.190
490
3800
AISC-0603-R025
25
C, S, D, G, J, K
40
250
0.190
490
3700
AISC-0603-R027
27
C, S, D, G, J, K
38
250
0.190
490
3700
AISC-0603-R030
30
C, S, D, G, J, K
38
250
0.210
470
3300
AISC-0603-R033
33
C, S, D, G, J, K
40
250
0.210
470
3200
AISC-0603-R036
36
C, S, D, G, J, K
40
250
0.220
460
2900
AISC-0603-R039
39
C, S, D, G, J, K
40
250
0.220
460
2800
AISC-0603-R043
43
C, S, D, G, J, K
40
250
0.270
400
2700
AISC-0603-R047
47
C, S, D, G, J, K
36
200
0.270
400
2600
AISC-0603-R051
51
C, S, D, G, J, K
35
200
0.300
390
2400
AISC-0603-R056
56
C, S, D, G, J, K
38
200
0.350
360
2400
AISC-0603-R062
62
C, S, D, G, J, K
36
200
0.380
350
2300
RoHS/RoHS II Compliant


Similar Part No. - AISC-0603-R043

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0603 ABRACON-AISC-0603 Datasheet
98Kb / 1P
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
AISC-0603F ABRACON-AISC-0603F Datasheet
2Mb / 3P
FERRITE WIRE WOUND INDUCTORS
10.11.13
AISC-0603F-100 ABRACON-AISC-0603F-100 Datasheet
2Mb / 3P
FERRITE WIRE WOUND INDUCTORS
10.11.13
AISC-0603F-150 ABRACON-AISC-0603F-150 Datasheet
2Mb / 3P
FERRITE WIRE WOUND INDUCTORS
10.11.13
AISC-0603F-180 ABRACON-AISC-0603F-180 Datasheet
2Mb / 3P
FERRITE WIRE WOUND INDUCTORS
10.11.13
More results

Similar Description - AISC-0603-R043

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
Abracon Corporation
AISC-1206 ABRACON-AISC-1206 Datasheet
1Mb / 4P
Ceramic Wire Wound Inductors
10.11.13
AISC-1210-XXX ABRACON-AISC-1210-XXX Datasheet
2Mb / 4P
SMD CERAMIC WIRE-WOUND INDUCTORS
12.28.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com