Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0603-R047 Datasheet(PDF) 4 Page - Abracon Corporation

Part # AISC-0603-R047
Description  CERAMIC WIRE WOUND INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0603-R047 Datasheet(HTML) 4 Page - Abracon Corporation

  AISC-0603-R047 Datasheet HTML 1Page - Abracon Corporation AISC-0603-R047 Datasheet HTML 2Page - Abracon Corporation AISC-0603-R047 Datasheet HTML 3Page - Abracon Corporation AISC-0603-R047 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AISC-0603
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 09.16.13
Visit
www.abracon.com for Terms & Conditions of Sale
ABRACON IS
ISO9001:2008
CERTIFIED
ATTENTION:Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automo-
tive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requir-
ing high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
• 1~2 ºC/sec. Ramp
• Pre-heating: 150~190ºC/90±30 sec.
• Time above 240ºC: 20~40sec
• Peak temperature: 260ºC Max./10sec.
• Solder paste: Sn/3.0Ag/0.5Cu
• Max.2 times for re-flowing
REFLOW PROFILE:
PACKING:
T= tape and reel (3,000pcs/reel)
4.0±0.1
50
Φ1.5(+0.1/ -0)
P
2.0±0.1
A
T
K
Sprocket Hole
Top Tape
Embossed Tape
Embossment
Chip Cavity
5.0 ±0.1
3.0 ±0.1
4.0±0.1
10±1.5
2.45 ±0.2
A
B
P
K Max
T Max
1.12 ±0.05
1.80±0.05
4.0±0. 1
0.96±0.05
0.3±0.1
1.80 x 1.12 x 1.02mm
Dimension: mm
RoHS/RoHS II Compliant
CERAMIC WIRE WOUND INDUCTORS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com