Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT44H60J Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT44H60J
Description  N-Channel Ultrafast Recovery FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT44H60J Datasheet(HTML) 1 Page - Microsemi Corporation

  APT44H60J Datasheet HTML 1Page - Microsemi Corporation APT44H60J Datasheet HTML 2Page - Microsemi Corporation APT44H60J Datasheet HTML 3Page - Microsemi Corporation APT44H60J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SO
T-2
27
ISOTOP®
file # E145592
"UL Recognized"
G
S
S
D
Absolute Maximum Ratings
Thermal and Mechanical Characteristics
G
D
S
Single die MOSFET
Unit
A
V
mJ
A
Unit
W
°C/W
°C
V
oz
g
in·lbf
N·m
Ratings
44
28
245
±30
1845
33
Min
Typ
Max
540
0.23
0.15
-55
150
2500
1.03
29.2
10
1.1
Parameter
Continuous Drain Current @ T
C = 25°C
Continuous Drain Current @ T
C = 100°C
Pulsed Drain Current 1
Gate-Source Voltage
Single Pulse Avalanche Energy 2
Avalanche Current, Repetitive or Non-Repetitive
Characteristic
Total Power Dissipation @ T
C = 25°C
Junction to Case Thermal Resistance
Case to Sink Thermal Resistance, Flat, Greased Surface
Operating and Storage Junction Temperature Range
RMS Voltage (50-60hHz Sinusoidal Waveform from Terminals to Mounting Base for 1 Min.)
Package Weight
Terminals and Mounting Screws.
Symbol
I
D
I
DM
V
GS
E
AS
I
AR
Symbol
P
D
RθJC
RθCS
T
J,TSTG
V
Isolation
W
T
Torque
TYPICAL APPLICATIONS
• ZVS phase shifted and other full bridge
• Half bridge
• UPS
• Welding
• Solar inverters
• Telecom rectifiers
FEATURES
• Fast switching with low EMI
• Very Low trr for maximum reliability
• Ultra low Crss for improved noise immunity
• Low gate charge
• Avalanche energy rated
• RoHS compliant
APT44H60J
APT44H60J
600V, 44A, 0.011Ω Max, trr ≤250ns
N-Channel Ultrafast Recovery FREDFET
Power MOS 8™ is a high speed, high voltage N-channel switch-mode power MOSFET.
This 'FREDFET' version has a drain-source (body) diode that has been optimized for
maximum reliability in ZVS phase shifted bridge and other circuits through much reduced
trr, soft recovery, and high recovery dv/dt capability. Low gate charge, high gain, and
a greatly reduced ratio of Crss/Ciss result in excellent noise immunity and low switching
loss. The intrinsic gate resistance and capacitance of the poly-silicon gate structure help
control di/dt during switching, resulting in low EMI and reliable paralleling, even when
switching at very high frequency.
Microsemi Website - http://www.microsemi.com


Similar Part No. - APT44H60J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT44F80B2 MICROSEMI-APT44F80B2 Datasheet
431Kb / 4P
N-Channel FREDFET
logo
Inchange Semiconductor ...
APT44F80B2 ISC-APT44F80B2 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
Microsemi Corporation
APT44F80L MICROSEMI-APT44F80L Datasheet
431Kb / 4P
N-Channel FREDFET
logo
Inchange Semiconductor ...
APT44F80L ISC-APT44F80L Datasheet
328Kb / 2P
isc N-Channel MOSFET Transistor
logo
Microsemi Corporation
APT44GA60B MICROSEMI-APT44GA60B Datasheet
222Kb / 6P
High Speed PT IGBT
More results

Similar Description - APT44H60J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT22F120B2 MICROSEMI-APT22F120B2 Datasheet
402Kb / 4P
N-Channel FREDFET
APT41H50B MICROSEMI-APT41H50B Datasheet
267Kb / 4P
N-Channel Ultrafast Recovery FREDFET
APT22F100J MICROSEMI-APT22F100J Datasheet
107Kb / 4P
N-Channel FREDFET
APT44F80B2 MICROSEMI-APT44F80B2 Datasheet
431Kb / 4P
N-Channel FREDFET
APT47F60J MICROSEMI-APT47F60J Datasheet
145Kb / 4P
N-Channel FREDFET
APT13F120B MICROSEMI-APT13F120B_09 Datasheet
122Kb / 4P
N-Channel FREDFET
APT19F100J MICROSEMI-APT19F100J_09 Datasheet
135Kb / 4P
N-Channel FREDFET
APT34F60B MICROSEMI-APT34F60B_09 Datasheet
134Kb / 4P
N-Channel FREDFET
APT34F100B2 MICROSEMI-APT34F100B2_09 Datasheet
118Kb / 4P
N-Channel FREDFET
APT77H60J MICROSEMI-APT77H60J Datasheet
279Kb / 4P
N-Channel Ultrafast Recovery FREDFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com