Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0603-R062 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-0603-R062
Description  CERAMIC WIRE WOUND INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0603-R062 Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-0603-R062 Datasheet HTML 1Page - Abracon Corporation AISC-0603-R062 Datasheet HTML 2Page - Abracon Corporation AISC-0603-R062 Datasheet HTML 3Page - Abracon Corporation AISC-0603-R062 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AISC-0603
ELECTRICAL SPECIFICATIONS (cont’d):
Definition of Rated Current (Ir): Ir is direct electric current as chip surface temperature rose just 20ºC against chip initial surface temperature (Ta)
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 09.16.13
Visit
www.abracon.com for Terms & Conditions of Sale
ABRACON IS
ISO9001:2008
CERTIFIED
Operating Temperature: -40ºC to +125ºC
Storage Temperature: -10ºC to +40ºC, 70% RH max.
1.80 x 1.12 x 1.02mm
Part Number
AISC-0603-
Inductance Code
Inductance
Tolerance
Min.
Quality
Factor
L/Q Test
Freq.
Max. DC
Resistance
Max. Rated
Current
Min. Self-resonant
Frequency
Units
nH
-
-
MHz
Ω
mA
MHz
Symbol
L
-
Q
Freq.
DCR
Ir
S.R.F
AISC-0603-R068
68
C, S, D, G, J, K
36
200
0.380
350
2200
AISC-0603-R072
72
C, S, D, G, J, K
34
150
0.430
320
2100
AISC-0603-R082
82
C, S, D, G, J, K
34
150
0.500
300
2000
AISC-0603-R091
91
C, S, D, G, J, K
34
150
0.520
300
1900
AISC-0603-R10
100
C, S, D, G, J, K
31
150
0.660
260
1800
AISC-0603-R11
110
C, S, D, G, J, K
32
150
0.730
250
1700
AISC-0603-R12
120
C, S, D, G, J, K
32
150
0.750
240
1600
AISC-0603-R15
150
C, S, D, G, J, K
32
150
1.120
200
1400
AISC-0603-R16
160
C, S, D, G, J, K
32
150
1.120
200
1400
AISC-0603-R18
180
C, S, D, G, J, K
25
100
1.380
180
1300
AISC-0603-R20
200
C, S, D, G, J, K
25
100
1.900
150
1250
AISC-0603-R22
220
C, S, D, G, J, K
25
100
2.100
140
1200
AISC-0603-R25
250
C, S, D, G, J, K
25
100
2.800
120
1100
AISC-0603-R27
270
C, S, D, G, J, K
26
100
3.000
120
960
AISC-0603-R33
330
C, S, D, G, J, K
26
100
4.200
100
800
AISC-0603-R39
390
C, S, D, G, J, K
27
100
4.500
100
800
AISC-0603-R42
420
C, S, D, G, J, K
27
100
5.400
90
800
AISC-0603-R47
470
C, S, D, G, J, K
27
100
5.700
90
700
AISC-0603-R56
560
C, S, D, G, J, K
27
100
8.100
70
650
1
10
100
1000
10000
10
100
1000
10000
SDWL1608C3N9 □STF
SDWL1608C47N □STF
SDWL1608CR33 □STF
47nH
330nH
3.9nH
0
20
40
60
80
100
120
140
10
100
1000
10000
SDWL1608C3N9 □STF
SDWL1608C47N □STF
SDWL1608CR33 □STF
330nH
47nH
3.9nH
R047
R0039
R33
R047
R0039
R33
Frequency (MHz)
Frequency (MHz)
RoHS/RoHS II Compliant
CERAMIC WIRE WOUND INDUCTORS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com