Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMCC3 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASEMCC3
Description  LOW JITTER PIN CONFIGURABLE CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMCC3 Datasheet(HTML) 2 Page - Abracon Corporation

  ASEMCC3 Datasheet HTML 1Page - Abracon Corporation ASEMCC3 Datasheet HTML 2Page - Abracon Corporation ASEMCC3 Datasheet HTML 3Page - Abracon Corporation ASEMCC3 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 08.10.11
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
ASEMCC
APPLICATIONS:
Pb RoHS
Compliant
LOW JITTER PIN CONFIGURABLE CMOS OUTPUT
3.2 x 2.5 x 0.85 mm
ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
Life Size
Key Electrical Specifications (continued)
Period Jitter RMS (JPER)
-----
3.0
-----
ps
F01=F02= 125MHz
Integrated Phase Jitter (JPH)
-----
0.30
2
ps
200kHz ~ 20MHz,
125MHz
-----
0.38
2
100kHz ~ 20MHz,
125MHz
-----
1.70
2
12kHz ~ 20MHz,
125MHz
Item
Minimum
Maximum
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
Vdd+0.3
V
Junction Temp.
-----
+150
°C
Storage Temp.
-55
+150
°C
Soldering Temp.
-----
+260
°C
40sec max
ESD
HBM
MM
CDM
4,000
200
1,500
V
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
25MHz-CMOS
50MHz-CMOS
106MHz-CMOS
125MHz-CMOS
PHASE JITTER
ABSOLUTE MAXIMUM RATINGS:
Parameters
Minimum
Typical
Maximum
Units
Notes
(left blank if standard)
Default condition: Frequency select bits [FS1, FS0] are all left floated. FS1, FS0 are pulled high [11]
Frequency combination and default frequency is customized upon request. Please contact Abracon for the frequency
combinations.
OPTIONS AND PART IDENTIFICATION:
Ordering Info
Freq
(MHz)
Freq Select Bits [FS1, FS0] – Default is [11]
00
01
10
11
Configuration 1
fOUT
27
24
148.5
74.25
Configuration 2
fOUT
155.52
106.25
156.25
125
Configuration 3
fOUT
25
75
125
1 50
Custom
Configuration
fOUT
Contact Abracon for customized configurations
ASEMCC - - -
*-20°C ~ +70°C, option L, or X only
Operating Temp.
Blank: -20°C ~ +70°C
L: -40°C ~ +85°C
X: -40°C ~ +105°C
Z: -55°C ~ +125°C
Overall Freq. Stability
Blank: ±50ppm
Y: ±10ppm*
R: ±25 ppm
Frequency
Combination
(See table below)
1: Cfg. 1
2: Cfg. 2
3: Cfg. 3
Packaging
Blank: Tube (110pcs / Tube)
T: Tape & Reel (1kpcs / reel)
T3: Tape & Reel (3kpcs / reel)
T5: Tape & Reel (5kpcs / reel)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com