Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMDLV Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASEMDLV
Description  LOW JITTER PIN CONFIGURABLE DUAL LVDS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMDLV Datasheet(HTML) 2 Page - Abracon Corporation

  ASEMDLV Datasheet HTML 1Page - Abracon Corporation ASEMDLV Datasheet HTML 2Page - Abracon Corporation ASEMDLV Datasheet HTML 3Page - Abracon Corporation ASEMDLV Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
APPLICATIONS:
3.2 x 2.5 x 0.85 mm
ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
Life Size
PHASE JITTER
ABSOLUTE MAXIMUM RATINGS
OPTIONS AND PART IDENTIFICATION:
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
156MHz-LVPECL
212MHz-LVPECL
320MHz-LVPECL
410MHz-LVPECL
Default condition: Frequency select bits [FS2, FS1, FS0] are all left floated. FS2, FS1, FS0 are pulled high [111]
Frequency combination and default frequency is customized upon request. Please contact Abracon for the frequency combinations.
ASEMDLV
LOW JITTER PIN CONFIGURABLE DUAL LVDS OUTPUT
ASEMDLV
Revised: 02.06.14
Key Electrical Specifications (continued)
Parameters
Minimum
Typical
Maximum
Units
Notes
Period Jitter RMS (JPER
s
p
5
.
2
)
F01=F02= 156.25MHz
Integrated Phase Jitter (JPH)
0.28
2
ps
200kHz ~ 20MHz,
@156.25MHz
0.40
2
100kHz ~ 20MHz,
@156.25MHz
1.70
2
12kHz ~ 20MHz,
@156.25MHz
Item
Minimum
Maximum
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
Vdd+0.3
V
Junction Temp.
+150
°C
Storage Temp.
-55
+150
°C
Soldering Temp.
+260
°C
40sec max
ESD
HBM
MM
CDM
4,000
400
1,500
V
Frequency
Combination
Freq
(MHz)
Freq Select Bits [FS2, FS1, FS0] – Default is [111]
000
001
010
011
100
101
110
111
Standard
Configuration
fOUT1
148.5
156.25
150
125
125
100
100
400
fOUT2
74.25
125
125
25
50
50
75
200
Custom
Configuration
fOUT1
Contact Abracon for customized configurations
fOUT2
* Due to the immediate availability of stock and the qty of the order, the parts may
be delivered as BULK: Cut Tape, Loose parts in Antistatic Bag or in Tube(s). The
MOQ per the series will still apply for Tube packaging.
ASEMDLV - - -
Operating Temp.
Blank: -20°C ~ +70°C
L: -40°C ~ +85°C
Overall Freq. Stability
Blank: ±50ppm
Y: ±10ppm
R: ±25 ppm
Packaging
Blank*: Tube (110pcs / Tube)
T: Tape & Reel (1kpcs / reel)
T3: Tape & Reel (3kpcs / reel)
T5: Tape & Reel (5kpcs / reel)
(left blank if standard)
Pb RoHS/RoHS II compliant



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com