Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFLMB-BLANK Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASFLMB-BLANK
Description  Programmer for PureSilicon Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLMB-BLANK Datasheet(HTML) 2 Page - Abracon Corporation

  ASFLMB-BLANK Datasheet HTML 1Page - Abracon Corporation ASFLMB-BLANK Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
REVISION: 05/16/11
Programmer Power Supply
Supplied thru USB cable (micro USB to USB A)
Oscillator Operating Supply Voltage
1.8 to 3.6V
Programming Time
2 seconds
Operating System Supported
Programmer Size
2.50" x 1.25" x 0.50"
Programmer Weight
0.2 lb
ABRACON PART #
KIT CONTENTS
ASVM- ADAPTER-KIT *
-
ASFLM- ADAPTER-KIT *
ASEM- ADAPTER-KIT *
ASDM- ADAPTER-KIT
ASVMPC- ADAPTER-KIT
ASFLMPC- ADAPTER-KIT
ASEMPC- ADAPTER-KIT
ASVMPLP- ADAPTER-KIT
ASFLMPLP- ADAPTER-KIT
ASEMPLP- ADAPTER-KIT
ASVMPLV- ADAPTER-KIT
ASFLMPLV- ADAPTER-KIT
ASEMPLV- ADAPTER-KIT
ASVMPHC- ADAPTER-KIT
ASFLMPHC- ADAPTER-KIT
ASEMPHC- ADAPTER-KIT
ABRACON PART #
KIT CONTENTS
MEMSpeed Pro II
Kit includes MEMSPEED II programmer, USB cable, tweezers, Quick Start guide
and Installation USB Flash drive
MEMSPEEDPRO II SPECIFICATIONS
Socket Adapter Kits
Ordering Information
Kit includes 6 pin 7.0x5.0mm socket adapter and 5 unprogrammed 7.0X5.0mm
ASVMPC oscillators with ±25ppm over -40 to +85°C
Kit includes 6pin 5.0x3.2mm socket adapter and 5 unprogrammed 5.0X3.2mm
ASFLMPC oscillators with ±25ppm over -40 to +85°C
Kit includes 6 pin 3.2x2.5mm socket adapter and 5 unprogrammed 3.2X2.5mm
ASEMPC oscillators with ±25ppm over -40 to +85°C
Kit includes 6 pin 7.0x5.0mm socket adapter and 5 unprogrammed 7.0X5.0mm
ASVMPLP LVPECL oscillators with ±25ppm over -40 to +85°C
Kit includes 6pin 5.0x3.2mm socket adapter and 5 unprogrammed 5.0X3.2mm
ASFLMPLP LVPECL oscillators with ±25ppm over -40 to +85°C
Kit includes 6 pin 3.2x2.5mm socket adapter and 5 unprogrammed 3.2X2.5mm
.
ASEMPLP LVPECL oscillators with ±25ppm over -40 to +85°C
Kit includes 6 pin 7.0x5.0mm socket adapter and 5 unprogrammed 7.0X5.0mm
ASVMPLV LVDS oscillators with ±25ppm over -40 to 85°C
Kit includes 6pin 5.0x3.2mm socket adapter and 5 unprogrammed 5.0X3.2mm
.
ASFLMPLV LVDS oscillators with ±25ppm over -40 to +85°C
Kit includes 6 pin 3.2x2.5mm socket adapterand 5 unprogrammed 3.2X2.5mm
ASEMPLV LVDS oscillators with ±25ppm over -40 to +85°C
Kit includes 6 pin 7.0x5.0mm socket adapter and 5 unprogrammed 7.0X5.0mm
ASVMPHC HCSL oscillators with ±25ppm over -40 to +85°C
Kit includes 6pin 5.0x3.2mm socket adapter and 5 unprogrammed 5.0X3.2mm
ASFLMPHC HCSL oscillators with ±25ppm over -40 to +85°C
Kit includes 6 pin 3.2x2.5mm socket adapter and 5 unprogrammed 3.2X2.5mm
.
ASEMPHC HCSL oscillators with ±25ppm over -40 to +85°C
Kit includes 4 pin 7.0x5.0mm socket adapter and 50 unprogrammed 7.0X5.0mm
ASVM oscillators with ±25ppm over -40 to +85°C
Kit includes 4 pin 5.0x3.2mm socket adapter and 50 unprogrammed 5.0X3.2mm
ASFLM oscillators with ±25ppm over -40 to +85°C
Kit includes 4 pin 3.2x2.5mm socket adapter and 50 unprogrammed 3.2X2.5mm
ASEM oscillators with ±25ppm over -40 to +85°C
Kit includes 4 pin 2.5x2.0mm socket adapter and 50 unprogrammed 2.5X2.0mm
ASDM oscillators with ±25ppm over -40 to +85°C
ASVMB-ADAPTER-KIT
ASFLMB- ADAPTER-KIT
ASEMB- ADAPTER-KIT
ASDMB- ADAPTER-KIT
Kit includes 4 pin 7.0x5.0mm socket adapter and 50 unprogrammed 7.0X5.0mm
ASVMB oscillators with ±25ppm over -40 to +85°C
Kit includes 4 pin 5.0x3.2mm socket adapter and 50 unprogrammed 5.0X3.2mm
ASFLMB oscillators with ±25ppm over -40 to +85°C
Kit includes 4 pin 3.2x2.5mm socket adapter and 50 unprogrammed 3.2X2.5mm
ASEMB oscillators with ±25ppm over -40 to +85°C
Kit includes 4 pin 2.5x2.0mm socket adapter and 50 unprogrammed 2.5X2.0mm
ASDMB oscillators with ±25ppm over -40 to +85°
* The Socket Adapters for MEMSpeed Pro II are used for 1st generation ASxM BLANK MEMS oscillators. Please contact Abracon for details.
For programming of devices, a MEMSpeed Pro II programmer and an appropriate adapter card kit are required.
*
Programmer for PureSilicon™ Oscillators
MS Windows, XP: 32bit version
Vista, and Windows 7: 32 or 64 bit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com