Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPB620 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMPB620
Description  6 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMPB620 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMPB620 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMPB620 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMPB620 ~ SMPB6100
Voltage 20V ~ 100V
6 Amp Schottky Barrier Rectifiers
03-Dec-2013 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Super long operating life
Plastic package has Underwriters Laboratory
Flammability Classification 94
MECHANICAL DATA
Case: TO-277B molded plastic body
Polarity: Color band denotes cathode end
Mounting position: ANY
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277B
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameters
Symbol
SMPB
620
SMPB
640
SMPB
660
SMPB
6100
Unit
Maximum Repetitive peak Reverse Voltage
VRRM
20
40
60
100
V
Maximum RMS Voltage
VRMS
14
28
42
70
V
Maximum DC Blocking Voltage
VDC
20
40
60
100
V
Maximum Average Forward Rectified Current@
TL =90°C
IF(AV)
6
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
IFSM
150
A
Maximum Forward Voltage @ IFM=6A
VF
0.55
0.7
0.85
V
TJ=25°C
0.5
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TJ=100°C
IR
50
30
mA
Thermal Resistance Junction
RθJC
7
°C / W
Operating and Storage Temperature Range
TJ ,TSTG
-55~150
°C
Note:
1. FR4 Board. Heat sink size: 10*10*0.2mm.
TO-277B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.60
G
0.85
0.95
B
0.90
1.10
H
3.90
4.10
C
5.70
5.90
I
0.25 REF.
D
1.80
1.95
J
1.75
1.85
E
0.75
0.85
K
2.95
3.05
F
3.45
3.60


Similar Part No. - SMPB620

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPB620 SECOS-SMPB620_15 Datasheet
273Kb / 2P
6 Amp Schottky Barrier Rectifiers
More results

Similar Description - SMPB620

ManufacturerPart #DatasheetDescription
logo
Bytes
1N5817 BYTES-1N5817 Datasheet
152Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220 BYTES-SR220 Datasheet
153Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3020 BYTES-SR3020 Datasheet
156Kb / 2P
30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
1N5820 FCI-1N5820 Datasheet
122Kb / 1P
3.0 Amp BARRIER SCHOTTKY RECTIFIERS
logo
DIOTEC Electronics Corp...
6SK40 DEC-6SK40 Datasheet
463Kb / 2P
6 AMP SCHOTTKY BARRIER RECTIFIERS
12SK40 DEC-12SK40 Datasheet
422Kb / 2P
12 AMP SCHOTTKY BARRIER RECTIFIERS
SK102 DEC-SK102 Datasheet
424Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
SK6030C DEC-SK6030C Datasheet
453Kb / 2P
60 AMP SCHOTTKY BARRIER RECTIFIERS
SBDR-601-1B DEC-SBDR-601-1B Datasheet
465Kb / 2P
6 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMPB620 SECOS-SMPB620_15 Datasheet
273Kb / 2P
6 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com