Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFXF8553 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFXF8553
Description  1 4 SMT TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFXF8553 Datasheet(HTML) 1 Page - RF Micro Devices

  RFXF8553 Datasheet HTML 1Page - RF Micro Devices RFXF8553 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
1 of 2
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RFXF8553
1:4 SMT TRANSFORMER
The RFXF8553 Transformer is designed for applications that require small, low cost,
and highly reliable surface mount components. Applications may be found in broad-
band, wireless, and other commincations systems. These units are built Lead-Free
and RoHS compliant. S-Parameters are available on request.
Frequency Range: 500 MHz to
2500MHz
Low Cost and RoHS Compliant
Industry Standard SMT package
Available in Tape-and -Reel
50
 Characteristic Impedance
DS101011
RoHS Compliant and Pb-Free Product
Package: S20
RFXF8553
RFXF8553
Specifications
Parameter
Specification
Unit
Min.
Typ.
Max.
Frequency Range
500
2500
MHz
Insertion Loss <1dB
500
1000
MHz
Insertion Loss <2dB
500
1500
MHz
Insertion Loss <3dB
500
2500
MHz
Impedance Ratio
1:4
Type
Unbalanced to Balanced
-30
-25
-20
-15
-10
-5
0
0
250
500
750
1000 1250 1500 1750 2000 2250 2500
dB
Frequency (MHz)
Input Return Loss
S11
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
250
500
750
1000 1250 1500 1750 2000 2250 2500
dB
Frequency (MHz)
Insertion Loss
S21
S31
Schematic


Similar Part No. - RFXF8553

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFXF0006 RFMD-RFXF0006 Datasheet
334Kb / 4P
45MHz to 1200MHz Operation
logo
Qorvo, Inc
RFXF0006 QORVO-RFXF0006 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006HSB QORVO-RFXF0006HSB Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006HSQ QORVO-RFXF0006HSQ Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
More results

Similar Description - RFXF8553

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40 Datasheet
168Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABA-010374-CT4A40 MA-COM-MABA-010374-CT4A40 Datasheet
117Kb / 4P
Transformer, 1:4
MABA-010268-CT4160 MA-COM-MABA-010268-CT4160 Datasheet
174Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABA-010374-CT4A40 MA-COM-MABA-010374-CT4A40 Datasheet
117Kb / 4P
Transformer, 1:4
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0_15 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
logo
Qorvo, Inc
RFXF0010 QORVO-RFXF0010 Datasheet
335Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0009H QORVO-RFXF0009H Datasheet
581Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0007 QORVO-RFXF0007 Datasheet
303Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com