Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS3080 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SPS3080
Description  Trench Barrier Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPS3080 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SPS3080 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPS3080 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SPS3080
Voltage 80V 30.0 Amp
Trench Barrier Schottky Rectifier
09-Dec-2013 Rev.A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Trench
Barrier Schottky technology
Low forward voltage drop
Low reverse current
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 1.98 g (Approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
80
V
Working Peak Reverse Voltage
VRSM
80
V
Maximum DC Blocking Voltage
VDC
80
V
(Per Leg)
15
Maximum Average Forward Rectified
Current
(Per Device)
IF
30
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
IFSM
150
A
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / µs
Typical Thermal Resistance
RθJC
4
°C /W
Operating and Storage Temperature Range
TJ,TSTG
-40~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.6
0.63
IF = 10A, TJ = 25°C
0.66
0.69
IF = 15A, TJ = 25°C
Maximum Instantaneous Forward
Voltage
VF
0.64
-
V
IF = 15 A, TJ = 100°C
-
0.2
TJ=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
2
IR
-
20
mA
TJ=100°C
Typical Junction Capacitance
1
CJ
750
-
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Pulse Test:Pulse Width = 300 µs, Duty Cycle ≦ 2.0%.
ITO-220
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.60
15.70
H
2.70
4.00
B
9.50
10.50
J
0.90
1.50
C
12.60
14.00
K
0.50
0.90
D
4.30
4.70
L
2.34
2.74
E
2.30
3.2
M
2.40
3.00
F
2.30
2.90
N
φ 3.0
φ 3.4
G
0.30
0.75
A
M
J
K
L
L
G
F
B
N
D
E
C
H


Similar Part No. - SPS3080

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPS3080 SECOS-SPS3080_15 Datasheet
160Kb / 2P
Trench Barrier Schottky Rectifier
More results

Similar Description - SPS3080

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPS3080 SECOS-SPS3080_15 Datasheet
160Kb / 2P
Trench Barrier Schottky Rectifier
SPS30120 SECOS-SPS30120_15 Datasheet
163Kb / 2P
Trench Barrier Schottky Rectifier
SRS3080 SECOS-SRS3080_15 Datasheet
183Kb / 2P
Trench Barrier Schottky Rectifier
logo
GOOD-ARK Electronics
SBRX1045CT GOOD-ARK-SBRX1045CT Datasheet
465Kb / 4P
Trench Schottky Barrier Rectifier
SBRX1060CT GOOD-ARK-SBRX1060CT Datasheet
465Kb / 4P
Trench Schottky Barrier Rectifier
SBRX1080CT GOOD-ARK-SBRX1080CT Datasheet
467Kb / 4P
Trench Schottky Barrier Rectifier
SBRX2060CT GOOD-ARK-SBRX2060CT Datasheet
311Kb / 4P
Trench Schottky Barrier Rectifier
SBRX20150CT GOOD-ARK-SBRX20150CT Datasheet
312Kb / 4P
Trench Schottky Barrier Rectifier
SBRX40100CT GOOD-ARK-SBRX40100CT Datasheet
405Kb / 4P
Trench Schottky Barrier Rectifier
HBRX40150CT GOOD-ARK-HBRX40150CT Datasheet
404Kb / 4P
Trench Schottky Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com