Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207G Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FR207G
Description  GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FR207G Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FR207G Datasheet HTML 1Page - EIC discrete Semiconductors FR207G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR201G - FR207G-STR
GLASS PASSIVATED JUNCTION
FAST RECOVERY RECTIFIERS
PRV : 50 - 1000 Volts
Io : 2.0 Amperes
FEATURES :
* Glass passivated chip
* High current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL FR201G FR202G FR203G FR204G FR205G FR206G FR207G
FR207G
-STR
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
1000
V
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 75
°C
Peak Forward Surge Current,
8.3ms Single half sine wave superimposed
on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 2.0 A
VF
1.3
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
500
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
250
ns
Typical Junction Capacitance ( Note 2 )
CJ
15
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 01 : April 17, 2002
A
A
2.0
RATING
IF(AV)
IFSM
75
D2
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - FR207G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR207G RECTRON-FR207G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR207G JGD-FR207G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR207G BYTES-FR207G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR207G CHENYI-FR207G Datasheet
125Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
FR207G DCCOM-FR207G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR207G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR151G EIC-FR151G Datasheet
31Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
FR251G EIC-FR251G Datasheet
47Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
GR2A EIC-GR2A Datasheet
47Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
GRN3 EIC-GRN3 Datasheet
47Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
GROA EIC-GROA Datasheet
48Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
PG100RS PANJIT-PG100RS_04 Datasheet
42Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
GR2A SYNSEMI-GR2A Datasheet
34Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
PG100RS PANJIT-PG100RS_09 Datasheet
69Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
FR103G LRC-FR103G_15 Datasheet
199Kb / 7P
Glass Passivated Junction Fast Recovery Rectifiers
1N4947G LRC-1N4947G Datasheet
199Kb / 7P
Glass Passivated Junction Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com