Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM431 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NJM431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJM431 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NJM431 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJM431 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJM431 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM431 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NJM431
- 2 -
Ver.2012-06-15
■ BLOCK DIAGRAM
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Cathode Voltage (note)
VKA
37
V
Continuous Cathode Current
IK
-100 to 150
mA
Reference Input Current
IREF
-0.05 to 10
mA
Power Dissipation
PD
(DIP8)
700
(DMP8)
300
(SOT89)
350
mW
mW
mW
Operating Temperature
Topr
-40 to +85
ºC
Storage Temperature Range
Tstg
-40 to +125
ºC
(note) Unless specified, all voltage value are with respect to the anode terminal.
■ RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Cathode Voltage
VKA
VREF
-
36
V
Cathode Current
IK
1
-
100
mA
■ ELECTRICAL CHARACTERISTICS (Ta=25ºC)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Voltage
VREF
VKA = VREF, IK = 10mA (note 1)
2440
2495
2550
mV
Reference Voltage Change
(Full Oper. Temp. Range)
VREF
(dev)
VKA = VREF, IK = 10mA (note 1)
Ta = -20ºC to +85 ºC
-
8
17
mV
∆VKA= 10V - VREF
-
-1.4
-2.7
mV/V
Reference Voltage Change
vs. Cathode Voltage Change
∆VREF
∆VKA
IK= 10mA (note 2)
∆VKA= 36V - 10V
-
-1
-2
mV/V
Reference Input Current
IREF
IK= 10mA, R1 = 10kΩ, R2 = ∞ (note 2)
-
2
4
µA
Reference Input Current Change
(Full Oper. Temp. Range)
IREF
(dev)
IK= 10mA, R1 = 10kΩ, R2 = ∞ (note 2)
Ta = -20ºC to +85 ºC
-
0..4
1.2
µA
Minimum Input Current
IMIN
VKA = VREF (note 1)
-
0.4
1.0
mA
Cathode Current (Off Cond.)
IOFF
VKA = 36V, VREF = 0 (note 3)
-
0.1
1.0
µA
Dynamic Impedance
|ZKA|
VKA = VREF, IK= 1mA to 100mA,
f ≤ 1kHz (note 1)
-
0.2
0.5
Ω
(note 1) TEST CIRCUIT (Fig. 1)
(note 2) TEST CIRCUIT (Fig. 2)
(note 3) TEST CIRCUIT (Fig. 3)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com