Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS135 Datasheet(PDF) 6 Page - CTS Corporation

Part # ATS135
Description  Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATS135 Datasheet(HTML) 6 Page - CTS Corporation

  ATS135 Datasheet HTML 1Page - CTS Corporation ATS135 Datasheet HTML 2Page - CTS Corporation ATS135 Datasheet HTML 3Page - CTS Corporation ATS135 Datasheet HTML 4Page - CTS Corporation ATS135 Datasheet HTML 5Page - CTS Corporation ATS135 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document No. 008-0309-0
Page 6 - 6
Rev. L
ATS/ATS-SM Series
Low Cost Quartz Crystal
PACKAGING INFORMATION
18.00
3.81
12.70
18.00
22.50 Max
DIMENSIONS IN MILLIMETERS
Ø4.00
0.90 Max
ATS Radial Taping (Ammopak)
11.50
DIRECTION OF FEED
0.40
5.10
24.00
12.00
DIMENSIONS IN MILLIMETERS
Ø1.55
4.00
1.75
4.35
Ø21.00
Ø80
Ø330
Ø13.00
120°
24.40
2.00
ATS-SM Tape and Reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com