Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM431M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NJM431M
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJM431M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NJM431M Datasheet HTML 1Page - List of Unclassifed Manufacturers NJM431M Datasheet HTML 2Page - List of Unclassifed Manufacturers NJM431M Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM431M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NJM431
- 3 -
Ver.2012-06-15
■ TEST CIRCUITS
1. VKA = VREF
2. VKA > VREF
3. IOFF
VO = VKA = VREF
VO = VKA = VREF·
⎟
⎠
⎞
⎜
⎝
⎛ +
R2
R1
1
+ IREF·R1
(Fig. 1)
(Fig. 2)
(Fig. 3)
■ TYPICAL APPLICATION
(1) Shunt Regulator
(2) Series Regulator
(3) Output Control of a Three-Terminal
fixed Regulator
(4) Constant Current Source
■ POWER DISSIPATION VS. AMBIENT TEMPERATURE
0
200
400
600
800
0
25
50
75
100
Ambient Temperature Ta (°C)
NJM431U
NJM431D
NJM431M
3mW/°C
3.5mW/°C
7mW/°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com