Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSDM032G15PD-PC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # APSDM032G15PD-PC
Description  SATA-Disk Module 4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM032G15PD-PC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button APSDM032G15PD-PC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM032G15PD-PC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM032G15PD-PC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM032G15PD-PC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM032G15PD-PC Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM032G15PD-PC Datasheet HTML 14Page - List of Unclassifed Manufacturers APSDM032G15PD-PC Datasheet HTML 15Page - List of Unclassifed Manufacturers APSDM032G15PD-PC Datasheet HTML 16Page - List of Unclassifed Manufacturers APSDM032G15PD-PC Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SATA-Disk Module 4
APSDMxxxx15XX-PXX
12
© 2013 Apacer Technology Inc.
Rev. 1.4
7. Electrical Specification
Table 7-1: Operating range
Range
Ambient Temperature
5V
Standard
0°C to +70°C
Extended Temperature
-40°C to 85°C
4.75-5.25V
Table 7-2: Typical power consumption (Standard)
Capacity
Modes
2 GB
4 GB
8 GB
16 GB
32 GB
Active (mA)
187
224
233
220
230
Idle (mA)
71
72
72
75
75
Typical power consumption (High-speed)
Capacity
Modes
4 GB
8 GB
16 GB
32 GB
64 GB
Active (mA)
255
333
324
280
300
Idle (mA)
85
95
95
77
80
Note: Results may differ from flash configurations or host system settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com