Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A716611368 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # A716611368
Description  1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 68 Circuits, 2.79mm PC Tail Length
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

A716611368 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  A716611368 Datasheet HTML 1Page - Molex Electronics Ltd. A716611368 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
30V
Solder Process Data
Lead-free Process Capability
SMC & Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Old Part Number
A716611368
Reference - Drawing Numbers
Sales Drawing
SDA-71661-1***
This document was generated on 04/16/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com