Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASR1G Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MASR1G
Description  Surface Mount Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MASR1G Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MASR1G Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MASR1G Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MASR1G Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MASR1A~MASR1M
Features
●
Low profile space
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Low forward voltage drop
●
Low leakage current
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
●
Case: JEDEC MSMA molded plastic
body over glass passivated chip
●
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity: Laser band denotes cathode end
IR
5 μA
VF
1.1 V
Tj max.
150 °C
IF(AV)
1.0 A
VRRM
50 V to 1000 V
IFSM
30 A
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Items
Test conditions
5
100
μA
IR
--
Reverse current
VR=VDC
Tj=25℃
Tj=125℃
UNIT
VF
-
0.93
1.10
V
Instantaneous forward voltage
IF=1.0A
(2)
Operating junction and storage temperature
range
TJ,TSTG
–55 to +150
℃
Symbol
Min
Type
Max
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
30
A
Thermal resistance from junction to lead
(1)
RθJL
35
℃
/W
600
800
1000
V
Maximum average forward rectified current
IF(AV)
1.0
A
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
MASR
1J
MASR
1K
MASR
1M
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
Items
Symbol
MASR
1A
MASR
1B
MASR
1D
MASR
1G
j
pF
Typical junction capacitance
4.0 V ,1MHz
CJ
-
15.0
-
http://www.trr-jx.com
Surface Mount Standard Rectifiers


Similar Part No. - MASR1G

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MASR0.5A JUXING-MASR0.5A Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
MASR0.5B JUXING-MASR0.5B Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
MASR0.5D JUXING-MASR0.5D Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
MASR0.5G JUXING-MASR0.5G Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
MASR0.5J JUXING-MASR0.5J Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
More results

Similar Description - MASR1G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
Surface Mount Standard Rectifiers
logo
Microdiode Semiconducto...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
G501 JUXING-G501 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
G601 JUXING-G601 Datasheet
3Mb / 3P
Surface Mount Standard Rectifiers
S3AP JUXING-S3AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
S5A JUXING-S5A_10 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
S5AP JUXING-S5AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
DSR1A JUXING-DSR1A_19 Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Leiditech Elec...
S5A LEIDITECH-S5A Datasheet
397Kb / 3P
Surface Mount Standard rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com