Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASK34 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MASK34
Description  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MASK34 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MASK34 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MASK34 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MASK34 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MASK32~MASK310
Features
●
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Major Ratings and Characteristics
●
Case:
JEDEC MSMA molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
IF(AV)
3.0 A
VRRM
20 V to 100 V
IFSM
75 A
VF
0.50V,0.55V,0.70V,0.85V
●
Polarity:
Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
V
V
V
UNIT
℃
℃
/W
V/µs
A
A
Tj max.
125 °C
Items
Symbol
MASK
32
MASK
33
MASK
34
MASK
35
MASK
36
MASK
38
MASK
310
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
Maximum average forward rectified current
IF(AV)
3.0
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
75
Voltage rate of change (rated VR)
dv/dt
10000
MASK35~
MASK36
Thermal resistance from junction to lead
(1)
RθJL
35
Operating junction and storage temperature
range
TJ,TSTG
–65 to +125
mA
MASK38~
MASK310
UNIT
Instantaneous forward voltage
IF=3.0A
(2)
VF
0.50
0.55
0.70
0.85
V
Items
Test conditions
Symbol
MASK
32
MASK33~
MASK34
Reverse current
VR=VDC
TA=25℃
TA=100℃
IR
0.5
10
http://www.trr-jx.com
Surface Mount Schottky Rectifiers


Similar Part No. - MASK34

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MASK110 JUXING-MASK110 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK13 JUXING-MASK13 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK14 JUXING-MASK14 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK15 JUXING-MASK15 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
More results

Similar Description - MASK34

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com