Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASK26 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MASK26
Description  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MASK26 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MASK26 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MASK26 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MASK26 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MASK22~MASK210
Features
●
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Major Ratings and Characteristics
●
Case:
JEDEC MSMA molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
VF
0.50V,0.55V,0.70V,0.85V
Tj max.
125 °C
IF(AV)
2.0 A
VRRM
20 V to 100 V
IFSM
50 A
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
V/µs
10000
Reverse current
VR=VDC
TA=25℃
TA=100℃
IR
0.5
10
mA
MASK28~
MASK210
UNIT
Instantaneous forward voltage
IF=2.0A
(2)
VF
0.50
0.55
0.70
0.85
V
Operating junction and storage temperature
range
TJ,TSTG
–65 to +125
℃
Items
Test conditions
Symbol
MASK
22
MASK23~
MASK24
MASK25~
MASK26
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
50
A
Thermal resistance from junction to lead
(1)
RθJL
35
℃
/W
Voltage rate of change (rated VR)
dv/dt
60
80
100
V
Maximum average forward rectified current
IF(AV)
2.0
A
42
56
70
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
MASK
26
MASK
28
MASK
210
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
j
Items
Symbol
MASK
22
MASK
23
MASK
24
MASK
25
http://www.trr-jx.com
Surface Mount Schottky Rectifiers


Similar Part No. - MASK26

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MASK110 JUXING-MASK110 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK13 JUXING-MASK13 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK14 JUXING-MASK14 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK15 JUXING-MASK15 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
More results

Similar Description - MASK26

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com