Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASF2J Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MASF2J
Description  Surface Mount Super Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MASF2J Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MASF2J Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MASF2J Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MASF2J Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MASF2A~MASF2J
Features
●
Glass passivated chip junctions
●
Ideal for automated placement
●
Ultrafast reverse recovery time
for high efficiency
●
Low profile package
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
●
Case:
JEDEC MSMA molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
trr
35 nS
VF
0.95 V, 1.25 V, 1.7 V
Tj max.
150 °C
IF(AV)
2.0 A
VRRM
50 V to 600 V
IFSM
50 A
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
20
15
Reverse recovery time
IF = 0.5 A , IR = 1.0 A ,
Irr = 0.25 A
trr
35
nS
Typical junction capacitance
4.0V,1.0MHz
CJ
pF
Reverse current
VR=VDC
TA=25℃
TA=125℃
IR
5
100
μA
UNIT
Instantaneous forward voltage
IF=2.0A
(2)
VF
0.95
1.25
1.70
V
Operating junction and storage temperature
range
TJ,TSTG
–55 to +150
℃
Items
Test conditions
Symbol
MASF2A ~
MASF2D
MASF2E~
MASF2G
MASF2J
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
50
A
Thermal resistance from junction to lead
(1)
RθJL
35
℃
/W
300
400
600
V
Maximum average forward rectified current
IF(AV)
2.0
A
210
280
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
600
V
Maximum RMS voltage
VRMS
35
70
105
140
MASF
2E
MASF
2G
MASF
2J
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Items
Symbol
MASF
2A
MASF
2B
MASF
2C
MASF
2D
j
http://www.trr-jx.com
Surface Mount Super Fast Recovery Rectifiers


Similar Part No. - MASF2J

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MASF0.5A JUXING-MASF0.5A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF0.5B JUXING-MASF0.5B Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF0.5C JUXING-MASF0.5C Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF0.5D JUXING-MASF0.5D Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF0.5E JUXING-MASF0.5E Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
More results

Similar Description - MASF2J

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SFM11 WEITRON-SFM11 Datasheet
210Kb / 3P
Surface Mount Super Fast Recovery Rectifiers
logo
Frontier Electronics.
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF206B SECOS-SUF206B Datasheet
193Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
MASF1A JUXING-MASF1A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF0.5A JUXING-MASF0.5A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
logo
Bruckewell Technology L...
SUF501_5C BWTECH-SUF501_5C Datasheet
372Kb / 4P
5.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SUF206B SECOS-SUF206B_15 Datasheet
193Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
SUF501C SECOS-SUF501C_16 Datasheet
218Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
SUF301C SECOS-SUF301C_16 Datasheet
213Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
logo
Shanghai Leiditech Elec...
BYV26C LEIDITECH-BYV26C Datasheet
623Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com