Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASF2D Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MASF2D
Description  Surface Mount Super Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MASF2D Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MASF2D Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MASF2D Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MASF2D Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Outline
Notice
●
Product is intended for use in general electronics applications.
●
Product should be worked less than the ratings; if exceeded, may cause permanent damage.or introduce latent failure
mechanisms.
●
The absolute maximum ratings are rated values and must not be exceeded during operation. The following are the general
derating methods you design a circuit with a device.
IF(AV) : We recommend that the worst case current be no greater than 80% .
IFSM : This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation, which the general
during the lifespan of the device.
TJ : Derate this rating when using a device in order to ensure high reliability. We recommend that the device be used at
a TJ of below 125°C.
●
TRR is registered trademark of Rising-sun Technology. Rising-sun Technology reserves the right to make changes to any product in this
specification to improve reliability,functional characteristics,or design without notice.
●
Rising-sun Technology does not assure any liability arising out of the applications or any product described in this specification.
●
Rising-sun Technology advises customers to obtain the latest version of the device information before placing orders to verify that the
required information is current.
http://www.trr-jx.com
MASF2A~MASF2J
Surface Mount Super Fast Recovery Rectifiers



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com