Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS031STRR Datasheet(PDF) 1 Page - International Rectifier

Part # IPS031STRR
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS031STRR Datasheet(HTML) 1 Page - International Rectifier

  IPS031STRR Datasheet HTML 1Page - International Rectifier IPS031STRR Datasheet HTML 2Page - International Rectifier IPS031STRR Datasheet HTML 3Page - International Rectifier IPS031STRR Datasheet HTML 4Page - International Rectifier IPS031STRR Datasheet HTML 5Page - International Rectifier IPS031STRR Datasheet HTML 6Page - International Rectifier IPS031STRR Datasheet HTML 7Page - International Rectifier IPS031STRR Datasheet HTML 8Page - International Rectifier IPS031STRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet No. PD60237 revD
IPS1031(S)(R)PbF
INTELLIGENT POWER LOW SIDE SWITCH
Features
•
Over temperature shutdown
•
Over current shutdown
•
Active clamp
e
•
Low current & logic lev l input
On/Off for EMI
)PbF is a three terminal Intelligent
•
ESD protection
•
Optimized Turn
•
Diagnostic on the input current
Description
The IPS1031(S)(R
Power Switch (IPS) that features a low side MOSFET with
over-current, over-temperature, ESD protection and drain
to source active clamp. This device offers protections and
the high reliability required in harsh environments. The
switch provides efficient protection by turning OFF the
power MOSFET when the temperature exceeds 165°C or
when the drain current reaches 18A. The device restarts
once the input is cycled. A serial resistance connected to
the input provides the diagnostic. The avalanche capability
is significantly enhanced by the active clamp and covers
most inductive load demagnetizations.
Product Summary
Rds(on)
50mΩ (max.)
Vclamp
36V
Ishutdown
18A (typ.)
Packages
TO-220
D²Pak
D-Pak
IPS1031PbF
IPS1031SPbF
IPS1031RPbF
Typical Connection
S
Control
IN
Input R
D
Load
+Bat
Input Signal
V Diag
1
2
3
www.irf.com
1


Similar Part No. - IPS031STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS031S IRF-IPS031S Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
More results

Similar Description - IPS031STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com