Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9713 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS9713
Description  1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9713 Datasheet(HTML) 2 Page - California Eastern Labs

  PS9713 Datasheet HTML 1Page - California Eastern Labs PS9713 Datasheet HTML 2Page - California Eastern Labs PS9713 Datasheet HTML 3Page - California Eastern Labs PS9713 Datasheet HTML 4Page - California Eastern Labs PS9713 Datasheet HTML 5Page - California Eastern Labs PS9713 Datasheet HTML 6Page - California Eastern Labs PS9713 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PS9713
*CL includes probe and stray wiring capacitance.
RECOMMENDED
OPERATING CONDITIONS
PART NUMBER
PS9713
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
IFH
High Level Input Current
mA
10
20
Vo
Output Voltage
V
0
30
VCC
Supply Voltage
V
4.5
30
VF
LED off Voltage
V
0
0.8
Notes:
1. Typical values at TA = 25 ºC.
2. Test Circuit for Propagation delay time
3. Test circuit for common mode transient immunity
VCM 90%
10%
VO
(Switch A: IF = 0 mA)
(Switch B: IF = 10 mA)
VO
15 V
3.0 V
1.0 V
VOL
tf
tr
0 V
1.5 kV
tPLH
tPHL
Input
Output
0 V
15 V
VTHLH = 2.0 V
VTHHL = 1.5 V
VOL
IF = (ON)
50 % IF = (ON)
0.01
µF
A
B
GLL SW IF
VCC = 15 V
RL = 20 k
Ω
VO = Monitor
CL
* 100 pF
VCM
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current
mA
25
VR
Reverse Voltage
V
3.0
Detector
VCC
Supply Voltage
V
-0.5 to +35
VO
Output Voltage
V
-0.5 to +35
IO
Output Current
mA
15
PC
Power Dissipation
mW
100
Coupler
BV
Isolation Voltage2
Vr.m.s.
2500
TA
Operating Ambient Temp.
°C
-40 to +100
TSTG
Storage Temperature
°C
-55 to +125
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. AC voltage for 1 minute at TA = 25 °C, RH = 60% between input
and output.
PART
PACKAGE
PACKING STYLE
NUMBER
PS9713
5-pin SOP
Magazine case 100 pcs
PS9713-F3
Embossed Tape 3500 pcs/reel
PS9713-F4
PS9713-V
Magazine case 100 pcs
PS9713-V-F3
Embossed Tape 3500 pcs/reel
ORDERING INFORMATION
0.01
µF
Input
(Monitor)
Pulse Input (IF = 10 mA)
VCC = 15 V
RL = 20 k
Ω
VO = Monitor
CL
* 100 pF
47
Ω
PW = 10
µs
Duty Cycle = 1/10
(
)
USAGE CAUTION
Bypass capacitor of more than 0.1 µF is used between VCC and GND near device. Also, ensure that the distance beteen the leads of the
photocoupler and capacitor is no more than 10 mm.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com