Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9701 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS9701
Description  HIGH SPEED DIGITAL OUTPUT TYPE SOP OPTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9701 Datasheet(HTML) 2 Page - California Eastern Labs

  PS9701 Datasheet HTML 1Page - California Eastern Labs PS9701 Datasheet HTML 2Page - California Eastern Labs PS9701 Datasheet HTML 3Page - California Eastern Labs PS9701 Datasheet HTML 4Page - California Eastern Labs PS9701 Datasheet HTML 5Page - California Eastern Labs PS9701 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current
mA
30
VR
Reverse Voltage
V
5
Detector
VCC
Supply Voltage
V
7
VO
Output Voltage
V
7
IO
Output Current
mA
50
PC
Power Dissipation
mW
85
Coupled
BV
Isolation Voltage2
Vr.m.s.
2500
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +125
OUTLINE DIMENSIONS (Units in mm)
PS9701
1. Anode
3. Cathode
4. GND
5. VO
6. VCC
4.0
±0.5
1.27
0.4
+0.10
-0.05
0.25 M
7.0
± 0.3
0.5
± 0.3
4.4
6
1
54
3
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
50
40
30
20
10
0
20
40
60
80
100
100
80
60
40
20
0
20
40
60
80
100
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. AC voltage for 1 minute at TA = 25
°C, RH = 60% between input
and output.
RECOMMENDED
OPERATING CONDITIONS
PART NUMBER
PS9701
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
IFL
Low Level Input Current
µA
0
250
IFH
High Level Input Current
mA
5
7.5
15
VCC
Supply Voltage
V
4.5
5
5.5
TOP
Operating Temperature
°C
0
25
70
* By-pass capacitor of more than 0.1
µF is used between VCC and
GND near the device.
PS9701
Top View
PART
PACKAGE
PACKING STYLE
SAFETY STANDARDS
NUMBER
APPROVAL
PS9701
5 Pin SOP
Magazine case 100 pcs
UL approved
PS9701-E3
Embossed Tape 900 pcs/reel
PS9701-E4
PS9701-F3
Embossed Tape 3500 pcs/reel
PS9701-F3
PS9701-V
Magazine case 100 pcs
VDE0884 approved
PS9701-V-E3
Embossed Tape 900 pcs/reel
PS9701-V-E4
PS9701-V-F3
Embossed Tape 3500 pcs/reel
PS9701-V-F4
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com