Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8701 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS8701
Description  HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8701 Datasheet(HTML) 2 Page - California Eastern Labs

  PS8701 Datasheet HTML 1Page - California Eastern Labs PS8701 Datasheet HTML 2Page - California Eastern Labs PS8701 Datasheet HTML 3Page - California Eastern Labs PS8701 Datasheet HTML 4Page - California Eastern Labs PS8701 Datasheet HTML 5Page - California Eastern Labs PS8701 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PS8701
PS8701
(Top View)
SYMBOLS
PARAMETERS
UNITS
RATING
Diode
IF
Forward Current
mA
25
VR
Reverse Voltage
V
3.0
PD
Power Dissipation
mW
45
Detector
VCC
Supply Voltage
V
35
VO
Output Voltage
V
35
IO
Output Current
mA
8.0
PC
Power Dissipation
mW
100
Coupled
BV
Isolation Voltage2
Vr.m.s.
2500
TA
Operating Ambient Temp.
°C
-55 to +100
TSTG
Storage Temperature
°C
-55 to +125
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. AC voltage for one minute at TA = 25
°C, RH = 60% between
input and output.
OUTLINE DIMENSIONS (Units in mm)
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
2. Test Circuit forCommon Mode Transient Immunity:
NOTES:
1. Test Circuit for Propagation Delay Time:
*CL is approximately 15 pF which includes probe and stray wiring capacitance.
7.0
±0.3
4.4
1.3
0.5
±0.3
0.4
1.27
1.2 MAX
+0.10
-0.05
0.25 M
4.5 MAX
54
3
12
Pulse input
VO (monitor)
VCC = 5 V
RL = 2.2 k
47
(Pulse width = 100
µs
Duty Cycle = 1/10)
Input
(monitor)
CL = 15 pF
0.1
µF
VO (monitor)
VCC = 5 V
RL = 4.1 k
0.1
µF
VCM
IF
Input
5V
1.5V
VOL
tPHL
tPLH
Output
50%
1.5 kV
0 V
5 V
2 V
0.8 V
VOL
VCM
VO
VO
tr
tf
90%
10%
(IF = 16 mA)
(IF = 0 mA)
Usage Cautions:
1. When handling this product, precautions should be taken against static electricity.
2. A by-pass capacitor of
≥ 0.1 µF is used between VCC and GND.
*
(Continued from previous pags)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com