Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0540-T-2-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # SMT-0540-T-2-R
Description  ADDED TERMINAL MATERIAL PLATING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

SMT-0540-T-2-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  SMT-0540-T-2-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Electro-Mech)
SMT-0540-T-2-R
R.A.C.
E.P.
R.W.
6/4/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
12/6/2004
Date
12/6/2004
Date
12/6/2004
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
SMT-0540-T-2-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE APPROVED
-
RELEASED FROM ENGINEERING
12/6/2004
A
ADDED TERMINAL MATERIAL PLATING
1/18/2005
R.W.
B
UPDATED RoHS AND TOLERANCE
5/9/2005
R.W.
C
UPDATED TERMINAL DIMENSIONS
5/18/2005
B.R.
D
ADDED REFLOW TEMPERATURE
1/9/2006
B.R.
E
REVISED REFLOW TEMPERATURE
6/5/2006
B.R.
F
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
6/4/2010
B.R.
G
REVISED TERMINAL MATERIAL
5/11/2012
M.L.
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
RATED VOLTAGE (SQUARE WAVE)
3
Vp-p
OPERATING VOLTAGE RANGE
2 ~ 4
Vp-p
RATED CURRENT (MAX)
100
mA
COIL RESISTANCE
12 ± 2
OHM
MINIMUM SPL @ 10 CM
78
dBA
RESONANT FREQUENCY
4,000 ± 500
Hz
OPERATING TEMPERATURE
-30 ~ +70
°C
STORAGE TEMPERATURE
-40 ~ +85
°C
HOUSING MATERIAL
LCP
-
TERMINAL MATERIAL
Au PLATED
PHOSPHOR BRONZE
-
WEIGHT
0.3
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY
TO PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. DATE CODE:
A. FIRST DIGIT REPRESENTS THE NO. OF THE YEAR.
B. LAST DIGIT REPRESENTS THE MONTH. (A-JAN~L-DEC.)
4. THIS PART IS RoHS 2002/95/EC COMPLIANT.
5. REFLOWABLE TO 260°C
0.8
0.7
0.7 (3)
4.2
1.95
0.9 (2)
5.5 MAX.
1.1
0.6 SOUND
EMISSION HOLE
DUMMY LEAD
LEAD (+)
LEAD (-)
●PUI
POLARITY
MARK
6 A
3A
3B
5
3
5


Similar Part No. - SMT-0540-T-2-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0540-T-2-R PUIAUDIO-SMT-0540-T-2-R Datasheet
559Kb / 3P
Top-firing electromechaical transducer designed for 2 to 4 Vp-p
More results

Similar Description - SMT-0540-T-2-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
Projects Unlimited, Inc...
ANM-5254L-R PUI-ANM-5254L-R Datasheet
266Kb / 1P
ADDED TERMINAL POLARITY
AOM-6738P-R PUI-AOM-6738P-R Datasheet
265Kb / 1P
ADDED TERMINAL POLARITY
AOM-6746L-R PUI-AOM-6746L-R Datasheet
2Mb / 1P
ADDED TERMINAL POLARITY
SMT-0825-T-R PUI-SMT-0825-T-R Datasheet
167Kb / 1P
1CHANGED MATERIAL & TERMINAL MATERIAL
logo
E-SWITCH
XK0003P E-SWITCH-XK0003P Datasheet
42Kb / 1P
PLATING MATERIAL: SILVER
T301202 E-SWITCH-T301202 Datasheet
123Kb / 1P
PLATING MATERIAL: GOLD
logo
AZ Displays
AQM1056B AZDISPLAYS-AQM1056B Datasheet
116Kb / 1P
added ThreeBond 1530C
logo
Laird Tech Smart Techno...
MSD40NBT LSTD-MSD40NBT Datasheet
1Mb / 34P
Added PCM defaults
MSD50NBT LSTD-MSD50NBT Datasheet
1Mb / 38P
Added section numbering
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com